Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC257A Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC257A
Description  Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC257A Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC257A Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74LVC257A
Quad 2-input multiplexer with 5 V tolerant inputs/outputs;
3-state
Rev. 8 — 31 August 2021
Product data sheet
1. General description
The 74LVC257A is a quad 2-input multiplexer; 3-state. Inputs can be driven from either 3.3 V or
5 V devices. This feature allows the use of these devices as translators in mixed 3.3 V and 5 V
environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Overvoltage tolerant inputs to 5.5 V
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low-power consumption
• Direct interface with TTL levels
• Output drive capability 50 Ω transmission lines at 85 °C
• IOFF circuitry provides partial Power-down mode operation
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74LVC257AD
-40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74LVC257APW -40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74LVC257ABQ -40 °C to +125 °C
DHVQFN16 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 16 terminals;
body 2.5 × 3.5 × 0.85 mm
SOT763-1


Similar Part No. - 74LVC257A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC257A PHILIPS-74LVC257A Datasheet
97Kb / 10P
Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC257A PHILIPS-74LVC257A Datasheet
380Kb / 10P
Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs (3-State)
1998 Jul 29
74LVC257AD PHILIPS-74LVC257AD Datasheet
97Kb / 10P
Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC257ADB PHILIPS-74LVC257ADB Datasheet
97Kb / 10P
Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC257APW PHILIPS-74LVC257APW Datasheet
97Kb / 10P
Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs 3-State
1998 Jul 29
More results

Similar Description - 74LVC257A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVC257A PHILIPS-74LVC257A Datasheet
97Kb / 10P
Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
Texas Instruments
CY74FCT257T TI-CY74FCT257T Datasheet
330Kb / 12P
QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258 Datasheet
90Kb / 8P
Quad 2-Input Multiplexer with 3-STATE Outputs
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
Quad 2-Input Multiplexer with 3-STATE Outputs
logo
NXP Semiconductors
LVC257A PHILIPS-LVC257A Datasheet
380Kb / 10P
Quad 2-input multiplexer with 5 Volt tolerant inputs/outputs (3-State)
1998 Jul 29
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Toshiba Semiconductor
TC74LCX257F TOSHIBA-TC74LCX257F_07 Datasheet
249Kb / 10P
Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
TC74LCX257F TOSHIBA-TC74LCX257F_12 Datasheet
223Kb / 10P
Low-Voltage Quad 2-Channel Multiplexer (3-state) with 5-V Tolerant Inputs and Outputs
logo
NXP Semiconductors
74LVC257A PHILIPS-74LVC257A_15 Datasheet
193Kb / 18P
Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
Rev. 6-28 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com