Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC257A Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC257A
Description  Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC257A Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC257A Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC257A Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Nexperia
74LVC257A
Quad 2-input multiplexer with 5 V tolerant inputs/outputs; 3-state
4. Functional diagram
mna865
1I0
1I1
2I0
2I1
3I0
3I1
4I0
4I1
S
4Y
3Y
2Y
1Y
1
15
4
7
9
12
2
3
5
6
11
10
14
13
OE
Fig. 1. Logic diagram
mna866
12
9
7
4
1
G1
15
EN
MUX
1
1
13
14
10
11
6
5
3
2
Fig. 2. IEC logic symbol
mna868
3-STATE
MULTI-
PLEXER
OUTPUTS
SELECTOR
1Y
2Y
3Y
4Y 12
9
7
4
1I0
1I1
2I0
2I1
3I0
3I1
4I0
4I1
S
OE
13
1
15
14
10
11
6
5
3
2
Fig. 3. Functional diagram
1I0
OE
S
1I1
2I0
2I1
3I0
3I1
4I0
4I1
4Y
3Y
2Y
1Y
mna867
Fig. 4. Logic diagram
74LVC257A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 8 — 31 August 2021
2 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com