Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P791208 Datasheet (PDF) - Renesas Technology Corp

8P791208 Datasheet PDF - Renesas Technology Corp
Part # 8P791208
Download  8P791208 Download
File Size   931.84 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Additive Jitter 2:8 Buffer with CMOS / Differential Outputs

8P791208 Datasheet (PDF)

Go To PDF Page Download Datasheet
8P791208 Datasheet PDF - Renesas Technology Corp

Part # 8P791208
Download  8P791208 Click to download

File Size   931.84 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Additive Jitter 2:8 Buffer with CMOS / Differential Outputs

8P791208 Datasheet (HTML) - Renesas Technology Corp


8P791208 Product details

Description
The 8P791208 is a low additive jitter 2:8 buffer with CMOS/
differential outputs The device takes one or two reference clocks,
selects between them using a pin selection, and generates up to
eight outputs that are the same as the reference frequency.
The 8P791208 supports two output banks, each with its own
power supply. All outputs in one bank would generate the same
output frequency, but each output can be individually controlled for
output type or output enable.
The device can operate over the -40°C to 85°C temperature
range.

Features
▪ Accepts input frequencies ranging from 1PPS (1Hz) to 700MHz
▪ Two differential inputs support LVPECL, LVDS, LVHSTL,
HCSL, or LVCMOS reference clocks
▪ Generates 8 differential or 16 LVCMOS outputs
▪ Outputs arranged in two banks of four outputs each
▪ Select pins control which input drives which of two output
banks
▪ Controlled by 3-level input pins that are 3.3V tolerant for all
core voltages
▪ Output type may be selected from LVPEC, LVDS or
2xLVCMOS
▪ Each bank supports a separate power supply of 3.3V, 2.5V,
or 1.8V
▪ LVCMOS outputs are limited to 125MHz maximum and support
swings of 3.3V, 2.5V, 1.8V, and 1.5V
▪ Individual output enables and output type selection supported
▪ Output noise floor of –158dBc/Hz at 156.25MHz
▪ Core voltage supply of 3.3V, 2.5V, or 1.8V
▪ –40°C to 85°C ambient operating temperature
▪ Lead-free (RoHS 6) QFN-32 (5 × 5mm) packaging




Similar Part No. - 8P791208

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8P791208 IDT-8P791208 Datasheet
817Kb / 32P
Low Additive Jitter 2:8 Buffer with CMOS/ Differential Outputs
8P791208 IDT-8P791208 Datasheet
534Kb / 31P
Low Addit ive Jit ter 2:8 Buffer with CMOS / Different ial Outputs
logo
Renesas Technology Corp
8P791208 RENESAS-8P791208 Datasheet
908Kb / 32P
Low Additive Jitter 2:8 Buffer with CMOS / Differential Outputs
January 31, 2023
logo
Integrated Device Techn...
8P791208NLGI IDT-8P791208NLGI Datasheet
817Kb / 32P
Low Additive Jitter 2:8 Buffer with CMOS/ Differential Outputs
8P791208NLGI IDT-8P791208NLGI Datasheet
534Kb / 31P
Low Addit ive Jit ter 2:8 Buffer with CMOS / Different ial Outputs
More results


Similar Description - 8P791208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
2:8 Low Additive Jitter LVDS Buffer
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
2:12 Low Additive Jitter LVDS Buffer
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
2:16 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
logo
Integrated Device Techn...
8P79818 IDT-8P79818 Datasheet
869Kb / 34P
Programmable Low Additive Jitter 2:8 Buffer with Dividers and Universal Outputs
8P391208 IDT-8P391208 Datasheet
919Kb / 41P
Low Additive Jitter 2:8 Buffer with Universal Differential Outputs
8P791208 IDT-8P791208 Datasheet
817Kb / 32P
Low Additive Jitter 2:8 Buffer with CMOS/ Differential Outputs
logo
Renesas Technology Corp
8P391208 RENESAS-8P391208 Datasheet
1Mb / 40P
Low Additive Jitter 2:8 Buffer with Universal Differential Outputs
February 3, 2023
8P79818 RENESAS-8P79818 Datasheet
1Mb / 34P
Programmable Low Additive Jitter 2:8 Buffer with Dividers and Universal Outputs
March 6, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com