Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8P79818 Datasheet (PDF) - Renesas Technology Corp

8P79818 Datasheet PDF - Renesas Technology Corp
Part # 8P79818
Download  8P79818 Download
File Size   1180.54 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Low Additive Jitter 2:8 Buffer with Dividers and Universal Outputs

8P79818 Datasheet (PDF)

Go To PDF Page Download Datasheet
8P79818 Datasheet PDF - Renesas Technology Corp

Part # 8P79818
Download  8P79818 Click to download

File Size   1180.54 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Low Additive Jitter 2:8 Buffer with Dividers and Universal Outputs

8P79818 Datasheet (HTML) - Renesas Technology Corp


8P79818 Product details

Description
The device is intended to take 1 or 2 reference clocks, select
between them, using a pin or register selection and generate up to 8
outputs that may be the same as the reference frequency or
integer-divider versions of it.
The 8P79818 supports two output banks, each with its own divider
and power supply. All outputs in one bank would generate the same
output frequency, but each output can be individually controlled for
output type, output enable or even powered-off.
The device supports a serial port for configuration of the parameters
while in operation. The serial port can be selected to use the I
2
C or
SPI protocol. After power-up, all outputs will come up in LVDS mode
and may be programmed to other configurations over the serial port.
Outputs may be enabled or disabled under control of the OE input
pin.
The device can operate over the -40°C to +85°C temperature range.

Features
▪ Two differential inputs support LVPECL, LVDS, HCSL or LVCMOS
reference clocks
— Accepts input frequencies ranging from 1PPS (1Hz) to
700MHz
▪ Select which of the two input clocks is to be used as the reference
clock for which divider via pin or register selection
— Switchover will not generate any runt clock pulses on the
output
▪ Generates eight differential outputs
or eight LVCMOS outputs, Bank A only
— Differential outputs selectable as LVPECL, LVDS, CML or
HCSL
— Differential outputs support frequencies from 1PPS to 700MHz
— LVCMOS outputs support frequencies from 1PPS to 200MHz
— LVCMOS outputs in the same pair may be inverted or in-phase
relative to one another
▪ Outputs arranged in 2 banks of 4 outputs each
— Each bank supports a separate power supply of 3.3V, 2.5V or
1.8V
— 1.5V output voltage is also supported for LVCMOS, Bank A
only
— One divider per output bank, supporting divide ratios of 2...511
or divider bypass
▪ Output enable control pin
— Output enable or disable will not cause any runt pulses
▪ Register programmable via I
2
C / SPI serial port
— Individual output enables, output type selection and output
power-down control bits supported
— Input mux selection control bit
▪ Core voltage supply of 3.3V, 2.5V or 1.8V
▪ -40°C to +85°C ambient operating temperature
▪ Lead-free (RoHS 6) packaging




Similar Part No. - 8P79818

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8P79818 IDT-8P79818 Datasheet
869Kb / 34P
Programmable Low Additive Jitter 2:8 Buffer with Dividers and Universal Outputs
logo
Renesas Technology Corp
8P79818 RENESAS-8P79818 Datasheet
961Kb / 34P
Programmable Low Additive Jitter 2:8 Buffer with Dividers and Universal Outputs
January 20, 2026
logo
Integrated Device Techn...
8P79818NLGI IDT-8P79818NLGI Datasheet
869Kb / 34P
Programmable Low Additive Jitter 2:8 Buffer with Dividers and Universal Outputs
logo
Renesas Technology Corp
8P79818NLGI RENESAS-8P79818NLGI Datasheet
961Kb / 34P
Programmable Low Additive Jitter 2:8 Buffer with Dividers and Universal Outputs
January 20, 2026
logo
Integrated Device Techn...
8P79818NLGI/W IDT-8P79818NLGI/W Datasheet
869Kb / 34P
Programmable Low Additive Jitter 2:8 Buffer with Dividers and Universal Outputs
More results


Similar Description - 8P79818

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
2:8 Low Additive Jitter LVDS Buffer
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
2:12 Low Additive Jitter LVDS Buffer
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
2:16 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
logo
Integrated Device Techn...
8P79818 IDT-8P79818 Datasheet
869Kb / 34P
Programmable Low Additive Jitter 2:8 Buffer with Dividers and Universal Outputs
8P391208 IDT-8P391208 Datasheet
919Kb / 41P
Low Additive Jitter 2:8 Buffer with Universal Differential Outputs
8P791208 IDT-8P791208 Datasheet
817Kb / 32P
Low Additive Jitter 2:8 Buffer with CMOS/ Differential Outputs
logo
Renesas Technology Corp
8P391208 RENESAS-8P391208 Datasheet
1Mb / 40P
Low Additive Jitter 2:8 Buffer with Universal Differential Outputs
February 3, 2023
8P791208 RENESAS-8P791208 Datasheet
931Kb / 32P
Low Additive Jitter 2:8 Buffer with CMOS / Differential Outputs
January 31, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com