Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8T33FS6221 Datasheet (PDF) - Renesas Technology Corp

8T33FS6221 Datasheet PDF - Renesas Technology Corp
Part # 8T33FS6221
Download  8T33FS6221 Download
File Size   1473.13 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer

8T33FS6221 Datasheet (PDF)

Go To PDF Page Download Datasheet
8T33FS6221 Datasheet PDF - Renesas Technology Corp

Part # 8T33FS6221
Download  8T33FS6221 Click to download

File Size   1473.13 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer

8T33FS6221 Datasheet (HTML) - Renesas Technology Corp


8T33FS6221 Product details

Description
The 8T33FS6221 is a bipolar monolithic differential clock fanout
buffer. Designed for most demanding clock distribution systems, the
8T33FS6221 supports various applications that require the
distribution of precisely aligned differential clock signals. Using SiGe
technology and a fully differential architecture, the device offers very
low skew outputs and superior digital signal characteristics. Target
applications for this clock driver is high performance clock
distribution in computing, networking and telecommunication
systems.
The 8T33FS6221 is designed for low skew clock distribution
systems and supports clock frequencies up to 2GHz. The device
accepts two clock sources. The CLK0 input can be driven by PECL
compatible signals, the CLK1 input accepts HSTL compatible
signals. The selected input signal is distributed to 20 identical,
differential PECL outputs. If VBB is connected to the nCLK0 or
nCLK1 input and bypassed to GND by a 10nF capacitor, the
8T33FS6221 can be driven by single-ended PECL signals utilizing
the VBB bias voltage output.
In order to meet the tight skew specification of the device, both
outputs of a differential output pair should be terminated, even if only
one output is used. In the case where not all ten outputs are used,
the output pairs on the same package side as the parts being used
on that side should be terminated.
The 8T33FS6221 can be operated from a single 3.3V or 2.5V supply

Features
• 1:20 differential clock fanout buffer
• 50ps typical device skew
• SiGe technology
• Maximum output frequency: 2GHz
• PECL compatible differential clock outputs
• PECL/ HSTL compatible differential clock inputs
• Single 3.3V or 2.5V supply
• Standard 52 lead LQFP package with exposed pad for enhanced
thermal characteristics
• Supports industrial temperature range
• Lead-free Packaging




Similar Part No. - 8T33FS6221

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T33FS6222 IDT-8T33FS6222 Datasheet
779Kb / 34P
Two selectable differential PECL inputs
logo
Renesas Technology Corp
8T33FS6222 RENESAS-8T33FS6222 Datasheet
1Mb / 35P
Low Voltage, 1:15 Differential PECL Clock Divider and Fanout Buffer
2/2/15
8T33FS6222EPGI RENESAS-8T33FS6222EPGI Datasheet
1Mb / 35P
Low Voltage, 1:15 Differential PECL Clock Divider and Fanout Buffer
2/2/15
8T33FS6222EPGI8 RENESAS-8T33FS6222EPGI8 Datasheet
1Mb / 35P
Low Voltage, 1:15 Differential PECL Clock Divider and Fanout Buffer
2/2/15
More results


Similar Description - 8T33FS6221

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK100EP111 SEMTECH-SK100EP111 Datasheet
100Kb / 4P
Low-Voltage 1:10 Differential ECL/PECL/HSTL Clock Driver
logo
Motorola, Inc
MC100ES8111 MOTOROLA-MC100ES8111 Datasheet
174Kb / 12P
Low Voltage 1:10 Differential HSTL Clock Fanout Buffer
logo
Freescale Semiconductor...
MC100ES6210 FREESCALE-MC100ES6210 Datasheet
226Kb / 8P
Low Voltage 2.5/3.3 V Differential ECL/PECL/HSTL Fanout Buffer
MC100ES6220 FREESCALE-MC100ES6220 Datasheet
296Kb / 12P
Low Voltage Dual 1:10 Differential ECL/PECL Clock Fanout Buffer
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Motorola, Inc
MC100EP223 MOTOROLA-MC100EP223 Datasheet
90Kb / 8P
Low-Voltage 1:22 Differential PECL/HSTL Clock Driver
logo
Renesas Technology Corp
8T33FS6222 RENESAS-8T33FS6222 Datasheet
1Mb / 35P
Low Voltage, 1:15 Differential PECL Clock Divider and Fanout Buffer
2/2/15
MC100ES6210 RENESAS-MC100ES6210 Datasheet
546Kb / 11P
Low Voltage 2.5V/3.3V Differential ECL/ PECL/HSTL Fanout Buffer
2019
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
MC100ES8111 RENESAS-MC100ES8111 Datasheet
948Kb / 13P
Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com