Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8T33FS6222 Datasheet (PDF) - Renesas Technology Corp

8T33FS6222 Datasheet PDF - Renesas Technology Corp
Part # 8T33FS6222
Download  8T33FS6222 Download
File Size   1082.1 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage, 1:15 Differential PECL Clock Divider and Fanout Buffer

8T33FS6222 Datasheet (PDF)

Go To PDF Page Download Datasheet
8T33FS6222 Datasheet PDF - Renesas Technology Corp

Part # 8T33FS6222
Download  8T33FS6222 Click to download

File Size   1082.1 Kbytes
Page   35 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Voltage, 1:15 Differential PECL Clock Divider and Fanout Buffer

8T33FS6222 Datasheet (HTML) - Renesas Technology Corp


8T33FS6222 Product details

General Description
The 8T33FS6222 is a bipolar monolithic differential clock fanout
buffer. Designed for most demanding clock distribution systems, the
8T33FS6222 supports various applications that require the
distribution of precisely aligned differential clock signals. Using SiGe
technology and a fully differential architecture, the device offers very
low skew outputs and superior digital signal characteristics. Target
applications for this clock driver is high performance clock distribution
in computing, networking and telecommunication systems.

Features
• Fifteen differential PECL outputs (four output banks)
• Two selectable differential PECL inputs
• Selectable ÷1 or ÷2 frequency divider
• Supports DC to 2GHz input frequency
• Single 3.3V or 2.5V supply
• Standard 52-Lead TQFP package with exposed pad for enhanced
thermal characteristics
• Supports industrial temperature range
• Lead-free RoHS 6 packaging




Similar Part No. - 8T33FS6222

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T33FS6222 IDT-8T33FS6222 Datasheet
779Kb / 34P
Two selectable differential PECL inputs
More results


Similar Description - 8T33FS6222

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100ES6222 MOTOROLA-MC100ES6222 Datasheet
300Kb / 12P
Low Voltage 1:15 Differential ECL/PECL Clock Divider and Fanout Buffer
logo
Freescale Semiconductor...
MC100ES6220 FREESCALE-MC100ES6220 Datasheet
296Kb / 12P
Low Voltage Dual 1:10 Differential ECL/PECL Clock Fanout Buffer
MC100ES6221 FREESCALE-MC100ES6221 Datasheet
315Kb / 12P
Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01_16 Datasheet
367Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
874208I IDT-874208I Datasheet
298Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T33FS6221 RENESAS-8T33FS6221 Datasheet
1Mb / 23P
Low Voltage 1:20 Differential PECL/HSTL Clock Fanout Buffer
Apr 8, 2021
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
MC100ES6221 RENESAS-MC100ES6221 Datasheet
684Kb / 13P
Low Voltage 1:20 Differential ECL/PECL/HSTL Clock Fanout Buffer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com