Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS874208I Datasheet (PDF) - Renesas Technology Corp

ICS874208I Datasheet PDF - Renesas Technology Corp
Part # ICS874208I
Download  ICS874208I Download
File Size   494.29 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V Differential LVDS Clock Divider and Fanout Buffer

ICS874208I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS874208I Datasheet PDF - Renesas Technology Corp

Part # ICS874208I
Download  ICS874208I Click to download

File Size   494.29 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V Differential LVDS Clock Divider and Fanout Buffer

ICS874208I Datasheet (HTML) - Renesas Technology Corp


ICS874208I Product details

General Description
The 874208I is a high-performance differential LVDS clock divider
and fanout buffer. The device is designed for the frequency division
and signal fanout of high-frequency, low phase-noise clocks. The
874208I is characterized to operate from a 2.5V power supply.
Guaranteed output-to-output and part-to-part skew characteristics
make the 874208I ideal for those clock distribution applications
demanding well-defined performance and repeatability. The
integrated input termination resistors make interfacing to the
reference source easy and reduce passive component count. Each
output can be individually enabled or disabled in the high-impedance
state controlled by a I2C register. On power-up, all outputs are
enabled.

Features
• One differential input reference clock
• Differential pair can accept the following differential input
levels: LVDS, LVPECL, CML
• Integrated input termination resistors
• Eight LVDS outputs
• Selectable clock frequency division of ÷1, ÷2, ÷4 and ÷8
• Maximum input clock frequency: 500MHz
• LVCMOS interface levels for the control inputs
• Internal regulator for improved noise immunity
• Individual output enable/disabled by I2C interface
• Output skew: 28ps
• Additive Phase Jitter, RMS: 0.168ps (typical), 125MHz
• Low additive phase jitter
• Full 2.5V supply voltage
• Available in Lead-free (RoHS 6) package
• -40°C to 85°C ambient operating temperature




Similar Part No. - ICS874208I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS87421AMI IDT-ICS87421AMI Datasheet
260Kb / 14P
첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
ICS87421AMIFT IDT-ICS87421AMIFT Datasheet
260Kb / 14P
첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
ICS87421AMILF IDT-ICS87421AMILF Datasheet
260Kb / 14P
첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
ICS87421I IDT-ICS87421I Datasheet
260Kb / 14P
첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
More results


Similar Description - ICS874208I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01_16 Datasheet
367Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
2.5 V Differential LVDS Clock Divider and Fanout Buffer
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
874208I IDT-874208I Datasheet
298Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
874328I-01 IDT-874328I-01 Datasheet
370Kb / 23P
2.5V Differential Clock Divider/Buffer
logo
Renesas Technology Corp
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
874328I-01 RENESAS-874328I-01 Datasheet
370Kb / 23P
2.5V Differential Clock Divider/Buffer
January 27, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com