Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS874208I Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICS874208I
Description  2.5V Differential LVDS Clock Divider and Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS874208I Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICS874208I Datasheet HTML 1Page - Renesas Technology Corp ICS874208I Datasheet HTML 2Page - Renesas Technology Corp ICS874208I Datasheet HTML 3Page - Renesas Technology Corp ICS874208I Datasheet HTML 4Page - Renesas Technology Corp ICS874208I Datasheet HTML 5Page - Renesas Technology Corp ICS874208I Datasheet HTML 6Page - Renesas Technology Corp ICS874208I Datasheet HTML 7Page - Renesas Technology Corp ICS874208I Datasheet HTML 8Page - Renesas Technology Corp ICS874208I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
874208I Data Sheet
LVDS CLOCK DIVIDER AND FANOUT BUFFER
REVISION A 9/18/14
2
©2014 Integrated Device Technology, Inc.
Table 1. Pin Descriptions
NOTE: Pulldown and Pullup refers to an internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1,
32
ADR1,
ADR0
Input
Pulldown
I2C Address inputs. LVCMOS/LVTTL compatible interface levels.
2, 7, 18, 23
GND
Power
Power supply ground.
3, 4
Q0, nQ0
Output
Differential output pair 0. LVDS interface levels.
5, 6
Q1, nQ1
Output
Differential output pair 1. LVDS interface levels.
8, 17
VDDO
Power
Output power supply pins.
9, 10
Q2, nQ2
Output
Differential output pair 2. LVDS interface levels.
11, 12
Q3, nQ3
Output
Differential output pair 3. LVDS interface levels.
13, 14
Q4, nQ4
Output
Differential output pair 4. LVDS interface levels.
15, 16
Q5, nQ5
Output
Differential output pair 5. LVDS interface levels.
19, 20
Q6, nQ6
Output
Differential output pair 6. LVDS interface levels.
21, 22
Q7, nQ7
Output
Differential output pair 7. LVDS interface levels.
24, 25
FSEL0,
FSEL1
Input
Pulldown
Frequency divider select controls. See Table 3A for function.
LVCMOS/LVTTL interface levels.
26
IN
Input
Non-inverting differential clock input.
27
VT
Termination
input
Input for termination. Both IN and nIN inputs are internally terminated 50
 to
this pin. See input termination information in the applications section.
28
nIN
Input
Inverting differential clock input.
29
VDD
Power
Power supply pins.
30
SDA
I/O
Pullup
I2C Data Input/Output. Input: LVCMOS/LVTTL interface levels.
Output: open drain.
31
SCL
Input
Pullup
I2C clock input. LVCMOS/LVTTL compatible interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLDOWN
Input Pulldown Resistor
51
k
RPULLUP
Input Pullup Resistor
51
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com