Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS874208I Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS874208I
Description  2.5V Differential LVDS Clock Divider and Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS874208I Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS874208I Datasheet HTML 9Page - Renesas Technology Corp ICS874208I Datasheet HTML 10Page - Renesas Technology Corp ICS874208I Datasheet HTML 11Page - Renesas Technology Corp ICS874208I Datasheet HTML 12Page - Renesas Technology Corp ICS874208I Datasheet HTML 13Page - Renesas Technology Corp ICS874208I Datasheet HTML 14Page - Renesas Technology Corp ICS874208I Datasheet HTML 15Page - Renesas Technology Corp ICS874208I Datasheet HTML 16Page - Renesas Technology Corp ICS874208I Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
874208I Data Sheet
LVDS CLOCK DIVIDER AND FANOUT BUFFER
REVISION A 9/18/14
13
©2014 Integrated Device Technology, Inc.
LVDS Driver Termination
For a general LVDS interface, the recommended value for the
termination impedance (ZT) is between 90 and 132. The actual
value should be selected to match the differential impedance (Z0) of
your transmission line. A typical point-to-point LVDS design uses a
100
 parallel resistor at the receiver and a 100 differential
transmission-line environment. In order to avoid any
transmission-line reflection issues, the components should be
surface mounted and must be placed as close to the receiver as
possible. IDT offers a full line of LVDS compliant devices with two
types of output structures: current source and voltage source. The
standard termination schematic as shown in Figure 6A can be used
with either type of output structure. Figure 6B, which can also be
used with both output types, is an optional termination with center tap
capacitance to help filter common mode noise. The capacitor value
should be approximately 50pF. If using a non-standard termination, it
is recommended to contact IDT and confirm if the output structure is
current source or voltage source type. In addition, since these
outputs are LVDS compatible, the input receiver’s amplitude and
common-mode input range should be verified for compatibility with
the output.
LVDS Termination
LVDS
Driver
LVDS
Driver
LVDS
Receiver
LVDS
Receiver
ZT
C
ZO • ZT
ZO • ZT
ZT
2
ZT
2
Figure 6A. Standard Termination
Figure 6B. Optional Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com