Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS874208I Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS874208I
Description  2.5V Differential LVDS Clock Divider and Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS874208I Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS874208I Datasheet HTML 10Page - Renesas Technology Corp ICS874208I Datasheet HTML 11Page - Renesas Technology Corp ICS874208I Datasheet HTML 12Page - Renesas Technology Corp ICS874208I Datasheet HTML 13Page - Renesas Technology Corp ICS874208I Datasheet HTML 14Page - Renesas Technology Corp ICS874208I Datasheet HTML 15Page - Renesas Technology Corp ICS874208I Datasheet HTML 16Page - Renesas Technology Corp ICS874208I Datasheet HTML 17Page - Renesas Technology Corp ICS874208I Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
874208I Data Sheet
LVDS CLOCK DIVIDER AND FANOUT BUFFER
REVISION A 9/18/14
14
©2014 Integrated Device Technology, Inc.
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS874208I.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS874208I is the sum of the core power plus the power dissipation in the load(s).
The following is the power dissipation for VDD = 2.5V + 5% = 2.625V, which gives worst case results.
•
Power (core)
MAX = V
DD_MAX *(IDD_MAX + IDDO_MAX)= 2.625V * (15mA + 203mA) = 572.25mW
•
Power Dissipation for internal termination RT
Power (RT)MAX = 4 * (VIN_MAX)
2 / RT_MIN = (1.2V)2 / 80 = 72mW
Total Power_MAX = 572.25mW + 72mW = 644.25mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad, and directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
JA * Pd_total + TA
Tj = Junction Temperature
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 33.1°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.644W * 33.1°C/W = 106.3°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 6. Thermal Resistance JA for 32 Lead VFQFN, Forced Convection
JA by Velocity
Meters per Second
013
Multi-Layer PCB, JEDEC Standard Test Boards
33.1°C/W
28.1°C/W
25.4°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com