Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8T74S208B Datasheet (PDF) - Renesas Technology Corp

8T74S208B Datasheet PDF - Renesas Technology Corp
Part # 8T74S208B
Download  8T74S208B Download
File Size   662.43 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V Differential LVDS Clock Divider and Fanout Buffer

8T74S208B Datasheet (PDF)

Go To PDF Page Download Datasheet
8T74S208B Datasheet PDF - Renesas Technology Corp

Part # 8T74S208B
Download  8T74S208B Click to download

File Size   662.43 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V Differential LVDS Clock Divider and Fanout Buffer

8T74S208B Datasheet (HTML) - Renesas Technology Corp


8T74S208B Product details

Description
The 8T74S208B is a high-performance differential LVDS clock divider
and fanout buffer. The device is designed for the frequency division
and signal fanout of high-frequency, low phase-noise clocks. The
8T74S208B is characterized to operate from a 2.5V power supply.
Guaranteed output-to-output and part-to-part skew characteristics
make the 8T74S208B ideal for those clock distribution applications
demanding well-defined performance and repeatability. The
integrated input termination resistors make interfacing to the
reference source easy and reduce passive component count. Each
output can be individually enabled or disabled in the high-impedance
state controlled by a I2C register. On power-up, all outputs are
enabled.

Features
• One differential input reference clock
• Differential pair can accept the following differential input
levels: LVDS, LVPECL, CML
• Integrated input termination resistors
• Eight LVDS outputs
• Selectable clock frequency division of ÷1, ÷2, ÷4 and ÷8
• Maximum input clock frequency: 1GHz
• LVCMOS interface levels for the control inputs
• Individual output enabled/ disabled by I2C interface
• Output skew: 45ps (maximum)
• Output rise/fall times: 370ps (maximum)
• Low additive phase jitter, RMS: 96fs (typical)
• Full 2.5V supply voltage
• Outputs enabled at power up
• Lead-free (RoHS 6) 32-Lead VFQFN packaging
• -40°C to 85°C ambient operating temperature




Similar Part No. - 8T74S208B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T74S208 IDT-8T74S208 Datasheet
353Kb / 18P
One differential input reference clock
8T74S208A-01 IDT-8T74S208A-01 Datasheet
354Kb / 19P
One differential input reference clock
8T74S208A-01 IDT-8T74S208A-01 Datasheet
367Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
logo
Integrated Device Techn...
8T74S208A-01NLGI IDT-8T74S208A-01NLGI Datasheet
367Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
More results


Similar Description - 8T74S208B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T74S208A-01 IDT-8T74S208A-01_16 Datasheet
367Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
2.5 V Differential LVDS Clock Divider and Fanout Buffer
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
874208I IDT-874208I Datasheet
298Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
874328I-01 IDT-874328I-01 Datasheet
370Kb / 23P
2.5V Differential Clock Divider/Buffer
logo
Renesas Technology Corp
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
8T74S208C-01 RENESAS-8T74S208C-01 Datasheet
666Kb / 21P
2.5 V Differential LVDS Clock Divider and Fanout Buffer
August 22, 2016
8V79S674 RENESAS-8V79S674 Datasheet
617Kb / 22P
Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer
04/10/15
874328I-01 RENESAS-874328I-01 Datasheet
370Kb / 23P
2.5V Differential Clock Divider/Buffer
January 27, 2016
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com