Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V79S674 Datasheet (PDF) - Renesas Technology Corp

8V79S674 Datasheet PDF - Renesas Technology Corp
Part # 8V79S674
Download  8V79S674 Download
File Size   617.23 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer

8V79S674 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V79S674 Datasheet PDF - Renesas Technology Corp

Part # 8V79S674
Download  8V79S674 Click to download

File Size   617.23 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-3.3V, 2.5V LVPECL Clock Divider and Fanout Buffer

8V79S674 Datasheet (HTML) - Renesas Technology Corp


8V79S674 Product details

General Description
The 8V79S674 is a clock divider and fanout buffer. The device has
been designed for clock signal division in wireless base station radio
equipment boards. The device is optimized to deliver excellent
additive phase jitter performance. The 8V79S674 uses SiGe
technology for an optimum of high clock frequency and low phase
noise performance, combined with high power supply noise rejection.
The device offers the frequency division by ÷1, ÷2, ÷4 and ÷8. Four
low-skew LVPECL outputs are available and support clock output
frequencies up to 2500MHz (÷1 frequency division). Outputs can be
disabled to save power consumption if not used. The device is
packaged in a lead-free (RoHS 6) 20-lead VFQFN package. The
extended temperature range supports wireless infrastructure,
telecommunication and networking end equipment requirements.

Features
• Clock signal division and distribution
• SiGe technology for high-frequency and fast signal rise/fall times
• Four low-skew LVPECL clock outputs
• Supports frequency division of ÷1, ÷2, ÷4 and ÷8
• Maximum frequency: 2500MHz
• Maximum output skew: 50ps (maximum)
• Maximum LVPECL output rise/fall time: 200ps (maximum)
• 3.3V or 2.5V core and output supply mode
• Supports 1.8V I/O logic levels for all control pins
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 8V79S674

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V79S674 IDT-8V79S674 Datasheet
420Kb / 21P
Clock signal division and distribution
More results


Similar Description - 8V79S674

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853006 ICST-ICS853006 Datasheet
202Kb / 16P
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A AUGUST 18, 2004
logo
Integrated Device Techn...
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
8T74S208A-01 IDT-8T74S208A-01_16 Datasheet
367Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
85314I-01 IDT-85314I-01 Datasheet
295Kb / 20P
Differential-to-2.5V/3.3V LVPECL Fanout Buffer
874208I IDT-874208I Datasheet
298Kb / 19P
2.5V Differential LVDS Clock Divider and Fanout Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
8T74S208A-01 RENESAS-8T74S208A-01 Datasheet
563Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
08/17/16
8T74S208B RENESAS-8T74S208B Datasheet
662Kb / 22P
2.5V Differential LVDS Clock Divider and Fanout Buffer
August 10, 2016
ICS874208I RENESAS-ICS874208I Datasheet
494Kb / 20P
2.5V Differential LVDS Clock Divider and Fanout Buffer
9/18/14
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com