Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853006 Datasheet (PDF) - Integrated Circuit Systems

ICS853006 Datasheet PDF - Integrated Circuit Systems
Part # ICS853006
Download  ICS853006 Download
File Size   202.5 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER

ICS853006 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS853006 Datasheet PDF - Integrated Circuit Systems

Part # ICS853006
Download  ICS853006 Click to download

File Size   202.5 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER

ICS853006 Datasheet (HTML) - Integrated Circuit Systems


ICS853006 Product details

GENERAL DESCRIPTION
The ICS853006 is a low skew, high performance 1-to-6 Differential-to-2.5V/3.3V LVPECL/ECL Fanout Buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The ICS853006 is characterized to operate from a 2.5V or a 3.3V power supply. Guaranteed output and part-to-part skew characteristics make the ICS853006 ideal for those applications demanding well defined performance and repeatability.

FEATURES
• 6 differential LVPECL outputs
• 1 differential PCLK, nPCLK input pair
• PCLK, nPCLK pair can accept the following differential input levels: LVPECL, LVDS, CML, SSTL
• Maximum output frequency: > 2GHz
• Output skew: 30ps (maximum)
• Part-to-part skew: 150ps (maximum)
• Propagation delay: 510ps (maximum)
• LVPECL mode operating voltage supply range:
    VCC = 2.375V to 3.465V, VEE = 0V
• ECL mode operating voltage supply range:
    VCC = 0V, VEE = -2.375V to -3.465V
• -40°C to 85°C ambient operating temperature




Similar Part No. - ICS853006

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853001 ICST-ICS853001 Datasheet
253Kb / 16P
1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
ICS853001AG ICST-ICS853001AG Datasheet
253Kb / 16P
1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
ICS853001AGLF ICST-ICS853001AGLF Datasheet
253Kb / 16P
1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
ICS853001AGLFT ICST-ICS853001AGLFT Datasheet
253Kb / 16P
1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
ICS853001AGT ICST-ICS853001AGT Datasheet
253Kb / 16P
1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
More results


Similar Description - ICS853006

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
logo
Integrated Device Techn...
8S89831I IDT-8S89831I Datasheet
355Kb / 21P
Differential LVPECL-To-LVPECL/ECL Fanout Buffer
8S89831I IDT-8S89831I_17 Datasheet
367Kb / 19P
Differential LVPECL-To-LVPECL/ECL Fanout Buffer
853S111AI IDT-853S111AI Datasheet
298Kb / 20P
Differential-to-LVPECL/ECL Fanout Buffer
85314I-01 IDT-85314I-01 Datasheet
295Kb / 20P
Differential-to-2.5V/3.3V LVPECL Fanout Buffer
ICS8S58021I IDT-ICS8S58021I Datasheet
734Kb / 18P
Differential-to-LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
8S89831I RENESAS-8S89831I Datasheet
658Kb / 19P
Differential LVPECL-To-LVPECL/ECL Fanout Buffer
November 9, 2017
ICS8S58021I RENESAS-ICS8S58021I Datasheet
931Kb / 19P
Differential-to-LVPECL/ECL Fanout Buffer
2019
85311I RENESAS-85311I Datasheet
628Kb / 18P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
logo
Integrated Circuit Syst...
ICS85310L-01 ICST-ICS85310L-01 Datasheet
326Kb / 15P
DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com