Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853006 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS853006
Description  DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853006 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS853006 Datasheet HTML 1Page - Integrated Circuit Systems ICS853006 Datasheet HTML 2Page - Integrated Circuit Systems ICS853006 Datasheet HTML 3Page - Integrated Circuit Systems ICS853006 Datasheet HTML 4Page - Integrated Circuit Systems ICS853006 Datasheet HTML 5Page - Integrated Circuit Systems ICS853006 Datasheet HTML 6Page - Integrated Circuit Systems ICS853006 Datasheet HTML 7Page - Integrated Circuit Systems ICS853006 Datasheet HTML 8Page - Integrated Circuit Systems ICS853006 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
853006AG
www.icst.com/products/hiperclocks.html
REV. A AUGUST 18, 2004
1
Integrated
Circuit
Systems, Inc.
ICS853006
LOW SKEW, 1-TO-6
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS853006 is a low skew, high performance
1-to-6 Differential-to-2.5V/3.3V LVPECL/ECL
Fanout Buffer and a member of the HiPerClockS™
family of High Performance Clock Solutions from
ICS. The ICS853006 is characterized to operate
from a 2.5V or a 3.3V power supply. Guaranteed output and
part-to-part skew characteristics make the ICS853006 ideal
for those applications demanding well defined performance
and repeatability.
FEATURES
• 6 differential LVPECL outputs
• 1 differential PCLK, nPCLK input pair
• PCLK, nPCLK pair can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Maximum output frequency: > 2GHz
• Output skew: 30ps (maximum)
• Part-to-part skew: 150ps (maximum)
• Propagation delay: 510ps (maximum)
• LVPECL mode operating voltage supply range:
V
CC = 2.375V to 3.465V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -2.375V to -3.465V
• -40°C to 85°C ambient operating temperature
BLOCK DIAGRAM
PIN ASSIGNMENT
VCC
nQ0
Q0
nQ1
Q1
nQ2
Q2
VCC
PCLK
nPCLK
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
Q5
nQ5
Q4
nQ4
Q3
nQ3
VCC
VEE
VBB
HiPerClockS™
ICS
ICS853006
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm package body
G Package
Top View
PCLK
nPCLK
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
V
BB


Similar Part No. - ICS853006

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853001 ICST-ICS853001 Datasheet
253Kb / 16P
1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
ICS853001AG ICST-ICS853001AG Datasheet
253Kb / 16P
1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
ICS853001AGLF ICST-ICS853001AGLF Datasheet
253Kb / 16P
1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
ICS853001AGLFT ICST-ICS853001AGLFT Datasheet
253Kb / 16P
1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
ICS853001AGT ICST-ICS853001AGT Datasheet
253Kb / 16P
1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
More results

Similar Description - ICS853006

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
logo
Integrated Device Techn...
8S89831I IDT-8S89831I Datasheet
355Kb / 21P
Differential LVPECL-To-LVPECL/ECL Fanout Buffer
8S89831I IDT-8S89831I_17 Datasheet
367Kb / 19P
Differential LVPECL-To-LVPECL/ECL Fanout Buffer
853S111AI IDT-853S111AI Datasheet
298Kb / 20P
Differential-to-LVPECL/ECL Fanout Buffer
85314I-01 IDT-85314I-01 Datasheet
295Kb / 20P
Differential-to-2.5V/3.3V LVPECL Fanout Buffer
ICS8S58021I IDT-ICS8S58021I Datasheet
734Kb / 18P
Differential-to-LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
8S89831I RENESAS-8S89831I Datasheet
658Kb / 19P
Differential LVPECL-To-LVPECL/ECL Fanout Buffer
November 9, 2017
ICS8S58021I RENESAS-ICS8S58021I Datasheet
931Kb / 19P
Differential-to-LVPECL/ECL Fanout Buffer
2019
85311I RENESAS-85311I Datasheet
628Kb / 18P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
logo
Integrated Circuit Syst...
ICS85310L-01 ICST-ICS85310L-01 Datasheet
326Kb / 15P
DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com