Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853006 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS853006
Description  DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853006 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS853006 Datasheet HTML 7Page - Integrated Circuit Systems ICS853006 Datasheet HTML 8Page - Integrated Circuit Systems ICS853006 Datasheet HTML 9Page - Integrated Circuit Systems ICS853006 Datasheet HTML 10Page - Integrated Circuit Systems ICS853006 Datasheet HTML 11Page - Integrated Circuit Systems ICS853006 Datasheet HTML 12Page - Integrated Circuit Systems ICS853006 Datasheet HTML 13Page - Integrated Circuit Systems ICS853006 Datasheet HTML 14Page - Integrated Circuit Systems ICS853006 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
853006AG
www.icst.com/products/hiperclocks.html
REV. A AUGUST 18, 2004
11
Integrated
Circuit
Systems, Inc.
ICS853006
LOW SKEW, 1-TO-6
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
FIGURE 5. ICS853006 LVPECL CLOCK OUTPUT BUFFER SCHEMATIC EXAMPLE
SCHEMATIC EXAMPLE
Figure 5 shows a schematic example of ICS853006. The
ICS853006 input can accept various types of differential input
signal. In this example, the inputs are driven by an LVPECL driv-
ers. For the ICS853006 LVPECL output driver, an example of
LVPECL driver termination approach is shown in this schematic.
Zo = 50
R10
50
+
-
3.3V
Zo = 50
R11
50
Zo = 50
Zo = 50
R6
50
C5 (Optional)
0.1u
(U1, 20)
R5
50
3.3V
R3
50
3.3V LVPECL
C1
0.1u
C2
0.1u
C6 (Optional)
0.1u
C3
0.1u
R2
50
3.3V
3.3V
(U1, 13)
(U1, 1)
C4
0.1u
Zo = 50
R4
50
(U1, 8)
R1
50
Zo = 50
R9
50
C7(Optional)
0.1u
U1
ICS853006
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
VCC
nQ0
Q0
nQ1
Q1
nQ2
Q2
VCC
PCLK
nPCLK
VBB
VEE
VCC
nQ3
Q3
nQ4
VCC
Q5
nQ5
Q4
+
-
Additional LVPECL driver termination approaches are shown in
the LVPECL Termination Application Note. It is recommended
at least one decoupling capacitor per power pin. The decoupling
capacitors should be physically located near the power pins.
For ICS853006, the unused output can be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com