Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8S58021I Datasheet (PDF) - Renesas Technology Corp

ICS8S58021I Datasheet PDF - Renesas Technology Corp
Part # ICS8S58021I
Download  ICS8S58021I Download
File Size   931.64 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-LVPECL/ECL Fanout Buffer

ICS8S58021I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8S58021I Datasheet PDF - Renesas Technology Corp

Part # ICS8S58021I
Download  ICS8S58021I Click to download

File Size   931.64 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-LVPECL/ECL Fanout Buffer

ICS8S58021I Datasheet (HTML) - Renesas Technology Corp


ICS8S58021I Product details

Features
• Four LVPECL/ECL outputs
• IN, nIN input can accept the following differential input levels:
LVPECL, LVDS, CML
• 50Ω internal input termination to VT
• Output frequency: 2.5GHz (maximum)
• Output skew: 30ps (maximum)
• Part-to-part skew: 150ps (maximum)
• Additive phase jitter, RMS: 0.02ps (typical)
• Propagation Delay: 425ps (maximum)
• LVPECL mode operating voltage supply range:
VCC = 2.375V to 3.465V, VEE = 0V
• ECL mode operating voltage supply range:
VCC = 0V, VEE = -3.465V to 2.375V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS8S58021I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8S58021I IDT-ICS8S58021I Datasheet
734Kb / 18P
Differential-to-LVPECL/ECL Fanout Buffer
More results


Similar Description - ICS8S58021I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853006 ICST-ICS853006 Datasheet
202Kb / 16P
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A AUGUST 18, 2004
logo
Integrated Device Techn...
8S89831I IDT-8S89831I Datasheet
355Kb / 21P
Differential LVPECL-To-LVPECL/ECL Fanout Buffer
8S89831I IDT-8S89831I_17 Datasheet
367Kb / 19P
Differential LVPECL-To-LVPECL/ECL Fanout Buffer
853S011BI IDT-853S011BI_16 Datasheet
315Kb / 20P
LVPECL/ ECL Fanout Buffer
853S111AI IDT-853S111AI Datasheet
298Kb / 20P
Differential-to-LVPECL/ECL Fanout Buffer
ICS853S031I IDT-ICS853S031I Datasheet
1,005Kb / 22P
LVPECL/ECL Fanout Buffer
ICS8S58021I IDT-ICS8S58021I Datasheet
734Kb / 18P
Differential-to-LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
8S58021I RENESAS-8S58021I Datasheet
438Kb / 16P
Differential-to-LVPECL/ECL Fanout Buffer
September 22, 2017
8S89831I RENESAS-8S89831I Datasheet
658Kb / 19P
Differential LVPECL-To-LVPECL/ECL Fanout Buffer
November 9, 2017
logo
Integrated Circuit Syst...
ICS85310L-01 ICST-ICS85310L-01 Datasheet
326Kb / 15P
DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com