Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8T49N286 Datasheet (PDF) - Renesas Technology Corp

8T49N286 Datasheet PDF - Renesas Technology Corp
Part # 8T49N286
Download  8T49N286 Download
File Size   2095.96 Kbytes
Page   78 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Octal Universal Frequency Translator

8T49N286 Datasheet (PDF)

Go To PDF Page Download Datasheet
8T49N286 Datasheet PDF - Renesas Technology Corp

Part # 8T49N286
Download  8T49N286 Click to download

File Size   2095.96 Kbytes
Page   78 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Octal Universal Frequency Translator

8T49N286 Datasheet (HTML) - Renesas Technology Corp


8T49N286 Product details

Description
The 8T49N286 has two independent, fractional-feedback PLLs that
can be used as jitter attenuators and frequency translators. It is
equipped with six integer and two fractional output dividers, allowing
the generation of up to eight different output frequencies, ranging
from 8kHz to 1GHz. Four of these frequencies are completely
independent of each other and the inputs. The other four are related
frequencies. The eight outputs may select among LVPECL, LVDS,
HCSL or LVCMOS output levels.
This functionality makes it ideal to be used in any frequency
translation application, including 1G, 10G, 40G and 100G
Synchronous Ethernet, OTN, and SONET/SDH, including ITU-T
G.709 (2009) FEC rates. The device may also behave as a frequency
synthesizer.
The 8T49N286 accepts up to four differential or single-ended input
clocks and a crystal input. Each of the two internal PLLs can lock to
different input clocks which may be of independent frequencies. The
other two input clocks are intended for redundant backup of the
primary clocks and must be related in frequency to their primary.
The device supports hitless reference switching between input
clocks. The device monitors all input clocks for Loss of Signal (LOS),
and generates an alarm when an input clock failure is detected.
Automatic and manual hitless reference switching options are
supported. LOS behavior can be set to support gapped or ungapped
clocks.
The 8T49N286 supports holdover for each PLL. The holdover has an
initial accuracy of ±50ppB from the point where the loss of all
applicable input reference(s) has been detected. It maintains a
historical average operating point for each PLL that may be returned
to in holdover at a limited phase slope.
The device places no constraints on input to output frequency
conversion, supporting all FEC rates, including the new revision of
ITU-T Recommendation G.709 (2009), most with 0ppm conversion
error.
Each PLL has a register-selectable loop bandwidth from 1.4Hz to
360Hz.
Each output supports individual phase delay settings to allow
output-output alignment.
The device supports Output Enable inputs and Lock, Holdover and
LOS status outputs.
The device is programmable through an I2C interface. It also supports
I
2C master capability to allow the register configuration to be read
from an external EEPROM. The user may select whether the
programming interface uses I2C protocols or SPI protocols, however
in SPI mode, read from the external EEPROM is not supported.

Features
• Supports SDH/SONET and Synchronous Ethernet clocks
including all FEC rate conversions
• <0.3ps RMS Typical Jitter (including spurs), 12kHz to 20MHz
• Operating modes: locked to input signal, holdover and free-run
• Initial holdover accuracy of ±50ppb
• Accepts up to four LVPECL, LVDS, LVHSTL, HCSL or LVCMOS
input clocks
• Accepts frequencies ranging from 8kHz up to 875MHz
• Auto and manual input clock selection with hitless switching
• Clock input monitoring, including support for gapped clocks
• Phase-Slope Limiting and Fully Hitless Switching options to
control output phase transients
• Operates from a 10MHz to 40MHz fundamental-mode crystal
• Generates 8 LVPECL / LVDS / HCSL or 16 LVCMOS output
clocks
• Output frequencies ranging from 8kHz up to 1.0GHz (diff)
• Output frequencies ranging from 8kHz to 250MHz (LVCMOS)
• Eight General Purpose I/O pins with optional support for status
and control
• Eight Output Enable control inputs
• Lock, Holdover and Loss-of-Signal status outputs
• Open-drain Interrupt pin
• Write-protect pin to prevent configuration registers being altered
• Nine programmable loop bandwidth settings for each PLL from
1.4Hz to 360Hz.
• Optional Fast Lock function
• Programmable output phase delays in steps as small as 16ps
• Register programmable through I2C / SPI or via external I2C
EEPROM
• Bypass clock paths for system tests
• Power supply modes:
VCC / VCCA / VCCO
3.3V / 3.3V / 3.3V
3.3V / 3.3V / 2.5V
3.3V / 3.3V / 1.8V (LVCMOS)
2.5V / 2.5V / 3.3V
2.5V / 2.5V / 2.5V
2.5V / 2.5V / 1.8V (LVCMOS)
• -40°C to 85°C ambient operating temperature
• Package: 72QFN, lead-free RoHs (6)




Similar Part No. - 8T49N286

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
8T49N286 ICST-8T49N286 Datasheet
1Mb / 78P
Bypass clock paths for system tests
REVISION 5
logo
Integrated Device Techn...
8T49N286 IDT-8T49N286 Datasheet
1Mb / 78P
Auto and manual input clock selection with hitless switching
8T49N286 IDT-8T49N286 Datasheet
1Mb / 77P
FemtoClock NG Octal Universal Frequency Translator
8T49N286 IDT-8T49N286 Datasheet
1Mb / 78P
NG Octal Universal Frequency Translator
8T49N286-000NLGI IDT-8T49N286-000NLGI Datasheet
1Mb / 77P
FemtoClock NG Octal Universal Frequency Translator
More results


Similar Description - 8T49N286

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T49N242 RENESAS-8T49N242 Datasheet
1Mb / 67P
FemtoClock® NG Universal Frequency Translator
January 16, 2019
8T49N281 RENESAS-8T49N281 Datasheet
1Mb / 64P
FemtoClock® NG Octal Universal Frequency Translator
January 17, 2019
8T49N282 RENESAS-8T49N282 Datasheet
1Mb / 76P
FemtoClock® NG Octal Universal Frequency Translator
January 28, 2019
8T49N283 RENESAS-8T49N283 Datasheet
1Mb / 77P
FemtoClock® NG Octal Universal Frequency Translator
January 29, 2019
8T49N285 RENESAS-8T49N285 Datasheet
1Mb / 68P
FemtoClock® NG Octal Universal Frequency Translator
March 8, 2021
8T49N287 RENESAS-8T49N287 Datasheet
1Mb / 76P
FemtoClock® NG Octal Universal Frequency Translator
March 8, 2021
ICS840N202I RENESAS-ICS840N202I Datasheet
684Kb / 32P
FemtoClock® NG Universal Frequency Translator
NOVEMBER 1, 2013
IDT8T49N105I RENESAS-IDT8T49N105I Datasheet
1Mb / 39P
FemtoClock® NG Universal Frequency Translator
2019
IDT8T49N222I RENESAS-IDT8T49N222I Datasheet
896Kb / 41P
FemtoClock® NG Universal Frequency Translator
2019
ICS849N212I RENESAS-ICS849N212I Datasheet
943Kb / 39P
FemtoClock® NG Universal Frequency Translator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com