Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS840N202I Datasheet (PDF) - Renesas Technology Corp

ICS840N202I Datasheet PDF - Renesas Technology Corp
Part # ICS840N202I
Download  ICS840N202I Download
File Size   684.05 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Universal Frequency Translator

ICS840N202I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS840N202I Datasheet PDF - Renesas Technology Corp

Part # ICS840N202I
Download  ICS840N202I Click to download

File Size   684.05 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Universal Frequency Translator

ICS840N202I Datasheet (HTML) - Renesas Technology Corp


ICS840N202I Product details

General Description
The ICS840N202I is a highly flexible FemtoClock® NG general
purpose, low phase noise Frequency Translator / Synthesizer with
alarm and monitoring functions suitable for networking and
communications applications. It is able to generate any output
frequency in the 1MHz - 250MHz range (see Table 3 for details). A
wide range of input reference clocks and a range of low-cost
fundamental mode crystal frequencies may be used as the source
for the output frequency.
The ICS840N202I has three operating modes to support a very
broad spectrum of applications:
1) Frequency Synthesizer
• Synthesizes output frequencies from a 16MHz - 40MHz
fundamental mode crystal.
• Fractional feedback division is used, so there are no
requirements for any specific crystal frequency to produce the
desired output frequency with a high degree of accuracy.
2) High-Bandwidth Frequency Translator
• Applications: PCI Express, Computing, General Purpose
• Translates any input clock in the 16MHz - 710MHz frequency
range into any supported output frequency.
• This mode has a high PLL loop bandwidth in order to track input
reference changes, such as Spread-Spectrum Clock
modulation, so it will not attenuate much jitter on the input
reference.
3) Low-Bandwidth Frequency Translator
• Applications: Networking & Communications.
• Translates any input clock in the 8kHz - 710MHz frequency
range into any supported output frequency.
• This mode supports PLL loop bandwidths in the 10Hz - 580Hz
range and makes use of an external crystal to provide
significant jitter attenuation.
This device provides two factory-programmed default power-up
configurations burned into One-Time Programmable (OTP) memory.
The configuration to be used is selected by the CONFIG pin. The two
configurations are specified by the customer and are programmed by
IDT during the final test phase from an on-hand stock of blank
devices. The two configurations may be completely independent of
one another.
One usage example might be to install the device on a line card with
two optional daughter cards: an OC-3 option (configuration 0)
requiring a 155.52MHz clock translated from a 19.44MHz input and
a Gigabit Ethernet option (configuration 1) requiring a 125MHz clock
translated from the same 19.44MHz input reference.
To implement other configurations, these power-up default settings
can be overwritten after power-up using the I2C interface and the
device can be completely reconfigured. However, these settings
would have to be re-written each time the device powers-up.

Features
• Fourth generation FemtoClock® NG technology
• Universal Frequency Translator/Frequency Synthesizer
• Two LVCMOS/LVTTL outputs
• Both outputs may be set to use 2.5V or 3.3V output levels
• Programmable output frequency: 1.0MHz to 250MHz
• Two differential inputs support the following input types: LVPECL,
LVDS, LVHSTL, HCSL
• Input frequency range: 8kHz - 710MHz
• Crystal input frequency range: 16MHz - 40MHz
• Two factory-set register configurations for power-up default state
• Power-up default configuration pin or register selectable
• Configurations customized via One-Time Programmable ROM
• Settings may be overwritten after power-up via I2C
• I2C Serial interface for register programming
• RMS phase jitter at 125MHz, using a 40MHz crystal
(12kHz - 20MHz): 616fs (typical), Low Bandwidth Mode (FracN)
• Output supply voltage modes:
VDD/VDDA/VDDO
3.3V/3.3V/3.3V
3.3V/3.3V/2.5V
2.5V/2.5V/2.5V
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - ICS840N202I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS840N202I IDT-ICS840N202I Datasheet
482Kb / 31P
Fourth generation FemtoClock
More results


Similar Description - ICS840N202I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8T49N241 RENESAS-8T49N241 Datasheet
1Mb / 67P
FemtoClock® NG Universal Frequency Translator
March 5, 2019
8T49N242 RENESAS-8T49N242 Datasheet
1Mb / 67P
FemtoClock® NG Universal Frequency Translator
January 16, 2019
8T49N282 RENESAS-8T49N282 Datasheet
1Mb / 76P
FemtoClock® NG Octal Universal Frequency Translator
January 28, 2019
8T49N285 RENESAS-8T49N285 Datasheet
1Mb / 68P
FemtoClock® NG Octal Universal Frequency Translator
March 8, 2021
8T49N286 RENESAS-8T49N286 Datasheet
2Mb / 78P
FemtoClock® NG Octal Universal Frequency Translator
October 28, 2020
849N202 RENESAS-849N202 Datasheet
1Mb / 41P
FemtoClock® NG Universal Frequency Translator
May 20, 2016
IDT8T49N203I RENESAS-IDT8T49N203I Datasheet
1Mb / 41P
FemtoClock® NG Universal Frequency Translator
OCTOBER 9, 2012
IDT8T49N105I RENESAS-IDT8T49N105I Datasheet
1Mb / 39P
FemtoClock® NG Universal Frequency Translator
2019
IDT8T49N222I RENESAS-IDT8T49N222I Datasheet
896Kb / 41P
FemtoClock® NG Universal Frequency Translator
2019
ICS849N212I RENESAS-ICS849N212I Datasheet
943Kb / 39P
FemtoClock® NG Universal Frequency Translator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com