Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V31012 Datasheet (PDF) - Renesas Technology Corp

8V31012 Datasheet PDF - Renesas Technology Corp
Part # 8V31012
Download  8V31012 Download
File Size   747.61 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-to-12, Differential HCSL Fanout Buffer

8V31012 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V31012 Datasheet PDF - Renesas Technology Corp

Part # 8V31012
Download  8V31012 Click to download

File Size   747.61 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-to-12, Differential HCSL Fanout Buffer

8V31012 Datasheet (HTML) - Renesas Technology Corp


8V31012 Product details

General Description
The 8V31012 is a 1-to-12 Differential HCSL Fanout Buffer. The
8V31012 is designed to translate any differential signal levels to
differential HCSL output levels. An external reference resistor is
used to set the value of the current supplied to an external
load/termination resistor. The load resistor value is chosen to equal
the value of the characteristic line impedance of 50. The 8V31012
is characterized at an operating supply voltage of 3.3V.
The differential HCSL outputs, accurate crossover voltage and duty
cycle make the 8V31012 ideal for interfacing to PCI Express and
FBDIMM applications.

Features
• Twelve differential HCSL outputs
• Translates any differential input signal (LVPECL, LVHSTL, LVDS,
HCSL) to HCSL levels without external bias networks
• Maximum output frequency: 250MHz
• Output skew: 265ps (typical)
• VOH:
850mV (maximum)
• Full 3.3V supply voltage
• Available in lead-free (RoHS 6) package
• -40°C to 85°C ambient operating temperature




Similar Part No. - 8V31012

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V31012 IDT-8V31012 Datasheet
455Kb / 17P
1-to-12, Differential HCSL Fanout Buffer
8V31012NLGI IDT-8V31012NLGI Datasheet
455Kb / 17P
1-to-12, Differential HCSL Fanout Buffer
8V31012NLGI8 IDT-8V31012NLGI8 Datasheet
455Kb / 17P
1-to-12, Differential HCSL Fanout Buffer
More results


Similar Description - 8V31012

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V31012 IDT-8V31012 Datasheet
455Kb / 17P
1-to-12, Differential HCSL Fanout Buffer
logo
ON Semiconductor
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB3L208K ONSEMI-NB3L208K_17 Datasheet
205Kb / 13P
Differential 1:8 HCSL Fanout Buffer
October, 2017 ??Rev. 3
logo
Integrated Device Techn...
851010 IDT-851010 Datasheet
298Kb / 16P
1-to-10, Differential HCSL Fanout Buffer
ICS851010I IDT-ICS851010I Datasheet
756Kb / 17P
1-to-10, Differential HCSL Fanout Buffer
logo
Renesas Technology Corp
851021 RENESAS-851021 Datasheet
597Kb / 19P
1-to-21, Differential HCSL Fanout Buffer
11/03/15
ICS851010I RENESAS-ICS851010I Datasheet
1Mb / 18P
1-to-10, Differential HCSL Fanout Buffer
AUGUST 2, 2010
851010 RENESAS-851010 Datasheet
303Kb / 16P
1-to-10, Differential HCSL Fanout Buffer
December 3, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com