Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

851010 Datasheet (PDF) - Renesas Technology Corp

851010 Datasheet PDF - Renesas Technology Corp
Part # 851010
Download  851010 Download
File Size   303.31 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-to-10, Differential HCSL Fanout Buffer

851010 Datasheet (PDF)

Go To PDF Page Download Datasheet
851010 Datasheet PDF - Renesas Technology Corp

Part # 851010
Download  851010 Click to download

File Size   303.31 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-to-10, Differential HCSL Fanout Buffer

851010 Datasheet (HTML) - Renesas Technology Corp


851010 Product details

Features
• Ten differential HCSL outputs
• Translates any differential input signal (LVPECL, LVHSTL, LVDS,
HCSL) to HCSL levels without external bias networks
• Maximum output frequency: 250MHz
• Output skew: 165ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Output drift: 140ps (maximum)
• VOH: 850mV (maximum)
• Full 3.3V supply voltage
• Available in lead-free (RoHS 6) package
• 0°C to 70°C ambient operating temperature




Similar Part No. - 851010

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
851010 IDT-851010 Datasheet
298Kb / 16P
1-to-10, Differential HCSL Fanout Buffer
logo
Huber+Suhner, Inc.
85101069 HUBERSUHNER-85101069 Datasheet
3Mb / 2P
COAXIAL CONNECTOR, QN, 50 Ohm, Straight cable plug (male)
logo
Ashcroft, Inc.
851010A02BX6B ASHCROFT-851010A02BX6B Datasheet
508Kb / 4P
1010 Pressure Gauge
RevD_11-11-22
851010A02BXBD ASHCROFT-851010A02BXBD Datasheet
508Kb / 4P
1010 Pressure Gauge
RevD_11-11-22
851010A02BXC4 ASHCROFT-851010A02BXC4 Datasheet
508Kb / 4P
1010 Pressure Gauge
RevD_11-11-22
More results


Similar Description - 851010

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V31012 IDT-8V31012 Datasheet
455Kb / 17P
1-to-12, Differential HCSL Fanout Buffer
logo
ON Semiconductor
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB3L208K ONSEMI-NB3L208K_17 Datasheet
205Kb / 13P
Differential 1:8 HCSL Fanout Buffer
October, 2017 ??Rev. 3
logo
Integrated Device Techn...
851010 IDT-851010 Datasheet
298Kb / 16P
1-to-10, Differential HCSL Fanout Buffer
ICS851010I IDT-ICS851010I Datasheet
756Kb / 17P
1-to-10, Differential HCSL Fanout Buffer
logo
Renesas Technology Corp
8V31012 RENESAS-8V31012 Datasheet
747Kb / 18P
1-to-12, Differential HCSL Fanout Buffer
10/21/15
851021 RENESAS-851021 Datasheet
597Kb / 19P
1-to-21, Differential HCSL Fanout Buffer
11/03/15
ICS851010I RENESAS-ICS851010I Datasheet
1Mb / 18P
1-to-10, Differential HCSL Fanout Buffer
AUGUST 2, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com