Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V41N010 Datasheet (PDF) - Renesas Technology Corp

8V41N010 Datasheet PDF - Renesas Technology Corp
Part # 8V41N010
Download  8V41N010 Download
File Size   897.67 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Generator for Cavium Processors

8V41N010 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V41N010 Datasheet PDF - Renesas Technology Corp

Part # 8V41N010
Download  8V41N010 Click to download

File Size   897.67 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Generator for Cavium Processors

8V41N010 Datasheet (HTML) - Renesas Technology Corp


8V41N010 Product details

General Description
The 8V41N010 is a PLL-based clock generator specifically designed
for Cavium Networks Octeon II processors. This high performance
device is optimized to generate the processor core reference clock,
the PCI-Express, sRIO, XAUI, SerDes reference clocks and the
clocks for both the Gigabit Ethernet MAC and PHY. The output frequencies are generated from a 25MHz external input source or an
external 25MHz parallel resonant crystal. The industrial temperature
range of the 8V41N010 supports telecommunication, networking,
and storage requirements.

Features
• Eight selectable 100MHz and 156.25MHz clocks for PCI Express,
sRIO and GbE, HCSL interface levels
• One single-ended QF LVCMOS/LVTTL clock output at 50MHz
• Selectable external crystal or differential (single-ended)
input source
• Crystal oscillator interface designed for 25MHz, parallel
resonant crystal
• Differential CLK, nCLK input pair that can accept: LVPECL, LVDS,
LVHSTL, HCSL input levels
• Internal resistor bias on nCLK pin allows the user to drive CLK
input with external single-ended (LVCMOS/ LVTTL) input levels
• Full 3.3V supply mode
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - 8V41N010

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V41N010 IDT-8V41N010 Datasheet
697Kb / 26P
Selectable external crystal or differential
8V41N010I IDT-8V41N010I Datasheet
533Kb / 26P
Clock Generator for Cavium Processors
8V41N010NLGI IDT-8V41N010NLGI Datasheet
533Kb / 26P
Clock Generator for Cavium Processors
8V41N010NLGI8 IDT-8V41N010NLGI8 Datasheet
533Kb / 26P
Clock Generator for Cavium Processors
More results


Similar Description - 8V41N010

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS840S06I IDT-ICS840S06I Datasheet
749Kb / 20P
CLOCK GENERATOR FOR CAVIUM PROCESSORS
8413S12I-100 IDT-8413S12I-100_16 Datasheet
915Kb / 33P
Clock Generator for Cavium Processors
8V41N010I IDT-8V41N010I Datasheet
533Kb / 26P
Clock Generator for Cavium Processors
8V41N012 IDT-8V41N012 Datasheet
840Kb / 31P
Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8V41N012A RENESAS-8V41N012A Datasheet
1Mb / 35P
Clock Generator for Cavium Processors
October 11, 2019
8413S06 RENESAS-8413S06 Datasheet
1Mb / 31P
Clock Generator for Cavium Processors
REVISION C 03/06/15
8430S10I-02 RENESAS-8430S10I-02 Datasheet
840Kb / 32P
Clock Generator for Cavium Processors
October 4, 2016
ICS8430S10I-03 RENESAS-ICS8430S10I-03 Datasheet
830Kb / 32P
Clock Generator for Cavium Processors
October 5, 2016
ICS8430S803I RENESAS-ICS8430S803I Datasheet
1Mb / 31P
Clock Generator for Cavium Processors
MARCH 28, 2011
ICS8430S10I RENESAS-ICS8430S10I Datasheet
1Mb / 30P
Clock Generator for Cavium Processors
2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com