Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8430S803I Datasheet (PDF) - Renesas Technology Corp

ICS8430S803I Datasheet PDF - Renesas Technology Corp
Part # ICS8430S803I
Download  ICS8430S803I Download
File Size   1278.2 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Generator for Cavium Processors

ICS8430S803I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8430S803I Datasheet PDF - Renesas Technology Corp

Part # ICS8430S803I
Download  ICS8430S803I Click to download

File Size   1278.2 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Clock Generator for Cavium Processors

ICS8430S803I Datasheet (HTML) - Renesas Technology Corp


ICS8430S803I Product details

General Description
The ICS8430S803I is a PLL-based clock generator specifically
designed for Cavium Networks SoC processors. This high
performance device is optimized to generate the processor core
reference clock, the DDR reference clocks, the PCI/PCI-X bus
clocks, and the clocks for both the Gigabit Ethernet MAC and PHY.
The clock generator offers low-jitter, low-skew clock outputs, and
edge rates that easily meet the input requirements for the
CN30XX/CN31XX/CN38XX/CN58XX processors. The output
frequencies are generated from a 25MHz external input source or an
external 25MHz parallel resonant crystal. The extended temperature
range of the ICS8430S803I supports telecommunication,
networking, and storage requirements.

Features
• One selectable differential output pair for DDR 533/400/667,
LVPECL, LVDS interface levels
• Nine LVCMOS/ LVTTL outputs, 23Ω typical output impedance
• Selectable external crystal or differential input source
• Crystal oscillator interface designed for 25MHz, parallel resonant
crystal
• Differential input pair (PCLK, nPCLK) accepts LVPECL, LVDS,
CML, input levels
• Internal resistor bias on nPCLK pin allows the user to drive PCLK
input with external single-ended (LVCMOS/ LVTTL) input levels
• Power supply modes:
CORE / OUTPUT
3.3V / 3.3V LVDS, LVPECL, LVCMOS
3.3V / 2.5V LVCMOS
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS8430S803I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8430S803I IDT-ICS8430S803I Datasheet
1Mb / 30P
Clock Generator for Cavium Processors
More results


Similar Description - ICS8430S803I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS840S06I IDT-ICS840S06I Datasheet
749Kb / 20P
CLOCK GENERATOR FOR CAVIUM PROCESSORS
8413S12I-100 IDT-8413S12I-100_16 Datasheet
915Kb / 33P
Clock Generator for Cavium Processors
8V41N010I IDT-8V41N010I Datasheet
533Kb / 26P
Clock Generator for Cavium Processors
8V41N012 IDT-8V41N012 Datasheet
840Kb / 31P
Clock Generator for Cavium Processors
logo
Renesas Technology Corp
8V41N012A RENESAS-8V41N012A Datasheet
1Mb / 35P
Clock Generator for Cavium Processors
October 11, 2019
8V41N010 RENESAS-8V41N010 Datasheet
897Kb / 27P
Clock Generator for Cavium Processors
06/30/15
8413S06 RENESAS-8413S06 Datasheet
1Mb / 31P
Clock Generator for Cavium Processors
REVISION C 03/06/15
8430S10I-02 RENESAS-8430S10I-02 Datasheet
840Kb / 32P
Clock Generator for Cavium Processors
October 4, 2016
ICS8430S10I-03 RENESAS-ICS8430S10I-03 Datasheet
830Kb / 32P
Clock Generator for Cavium Processors
October 5, 2016
ICS8430S10I RENESAS-ICS8430S10I Datasheet
1Mb / 30P
Clock Generator for Cavium Processors
2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com