Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56855 Datasheet (PDF) - NXP Semiconductors

56855 Datasheet PDF - NXP Semiconductors
Part # 56855
Download  56855 Download
File Size   1058.29 Kbytes
Page   52 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16-bit Digital Signal Controllers

56855 Datasheet (PDF)

Go To PDF Page Download Datasheet
56855 Datasheet PDF - NXP Semiconductors

Part # 56855
Download  56855 Click to download

File Size   1058.29 Kbytes
Page   52 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16-bit Digital Signal Controllers

56855 Datasheet (HTML) - NXP Semiconductors


56855 Product details

56855 General Description
• 120 MIPS at 120MHz
• 24K x 16-bit Program SRAM
• 24K x 16-bit Data SRAM
• 1K x 16-bit Boot ROM
• Access up to 2M words of program memory or 8M
words of data memory
• Chip Select Logic for glueless interface to ROM and
SRAM
• Six (6) independent channels of DMA
• Enhanced Synchronous Serial Interface (ESSI)
• Two (2) Serial Communication Interfaces (SCI)
• General Purpose 16-bit Quad Timer with 1 external pin
• JTAG/Enhanced On-Chip Emulation (OnCE™) for
unobtrusive, real-time debugging
• Computer Operating Properly (COP)/Watchdog Timer
• Time-of-Day (TOD)
• 100 LQFP package
• Up to 18 GPIO

1.1 56855 Features
1.1.1 Core
• Efficient 16-bit engine with dual Harvard architecture
• 120 Million Instructions Per Second (MIPS) at 120MHz core frequency
• Single-cycle 16 × 16-bit parallel Multiplier-Accumulator (MAC)
• Four (4) 36-bit accumulators including extension bits
• 16-bit bidirectional shifter
• Parallel instruction set with unique DSP addressing modes
• Hardware DO and REP loops
• Three (3) internal address buses and one (1) external address bus
• Four (4) internal data buses and one (1) external data bus
• Instruction set supports both DSP and controller functions
• Four (4) hardware interrupt levels
• Five (5) software interrupt levels
• Controller-style addressing modes and instructions for compact code
• Efficient C Compiler and local variable support
• Software subroutine and interrupt stack with depth limited only by memory
• JTAG/Enhanced OnCE debug programming interface
1.1.2 Memory
• Harvard architecture permits up to three (3) simultaneous accesses to program and data memory
• On-Chip Memory
— 24K × 16-bit Program SRAM
— 24K × 16-bit Data SRAM
— 1K × 16-bit Boot ROM
• Off-Chip Memory Expansion (EMI)
— Access up to 2M words of program memory or 8M words of data memory
— Chip Select Logic for glue-less interface to ROM and SRAM
1.1.3 Peripheral Circuits for 56855
• General Purpose 16-bit Quad Timer with 1 external pin*
• Two (2) Serial Communication Interfaces (SCI)*
• Enhanced Synchronous Serial Interface (ESSI) module*
• Computer Operating Properly (COP)/Watchdog Timer
• JTAG/Enhanced On-Chip Emulation (EOnCE) for unobtrusive, real-time debugging
• Six (6) independent channels of DMA
• Time-of-Day (TOD)
• Up to 18 GPIO
* Each peripheral I/O can be used alternately as a General Purpose I/O if not needed
1.1.4 Energy Information
• Fabricated in high-density CMOS with 3.3V, TTL-compatible digital inputs
• Wait and Stop modes available




Similar Part No. - 56855

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56855 FREESCALE-56855 Datasheet
848Kb / 52P
16-bit Digital Signal Controllers
More results


Similar Description - 56855

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
16-bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
16-bit Digital Signal Controllers
56F8357 FREESCALE-56F8357 Datasheet
2Mb / 177P
16-bit Digital Signal Controllers
56F8366 FREESCALE-56F8366_07 Datasheet
2Mb / 184P
16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
16-bit Digital Signal Controllers
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com