Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRPC-04C Datasheet (PDF) - Bel Fuse Inc.

VRPC-04C Datasheet PDF - Bel Fuse Inc.
Part # VRPC-04C
Download  VRPC-04C Download
File Size   96.82 Kbytes
Page   7 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A

VRPC-04C Datasheet (PDF)

Go To PDF Page Download Datasheet
VRPC-04C Datasheet PDF - Bel Fuse Inc.

Part # VRPC-04C
Download  VRPC-04C Click to download

File Size   96.82 Kbytes
Page   7 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A

VRPC-04C Datasheet (HTML) - Bel Fuse Inc.


VRPC-04C Product details

Description
The Bel VRPC-04C series modules are non-isolated, boost DC/DC power converters that operate from a nominal 3.3V source. These converters provide an output voltage of 5V and are packaged in an industry standard single-in-line footprint with 4A maximum output. Standard features include remote on/off, over current and short circuit protection. A version of this converter is also available without remote on/off. These products may be used almost anywhere 5V is required and a 3.3V source is available. Typical applications include file servers, routers, line cards and other computing and communications equipment.

VRPC-04C Series RoHS Compliant
• Nonisolated
• Industry standard pinout
• Fixed frequency
• High efficiency means less power dissipation
• Optimized for cost
• Remote on/off
• Undervoltage lockout
• Over current and short circuit protection
• Industrial temperature range

Applications
• Telecommunications
• Networking
• Computers and peripherals




Similar Part No. - VRPC-04C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
VRPC-04C50A BEL-VRPC-04C50A Datasheet
122Kb / 5P
NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5.0 V / 4 A Output
VRPC-04C50A BEL-VRPC-04C50A Datasheet
148Kb / 6P
NON-ISOLATED DC/DC CONVERTERS
VRPC-04C50W BEL-VRPC-04C50W Datasheet
122Kb / 5P
NON-ISOLATED DC/DC CONVERTERS 3.3 V Input 5.0 V / 4 A Output
VRPC-04C50W1 BEL-VRPC-04C50W1 Datasheet
148Kb / 6P
NON-ISOLATED DC/DC CONVERTERS
More results


Similar Description - VRPC-04C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DB-08B BEL-S7DB-08B Datasheet
289Kb / 16P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
SRAH-05B BEL-SRAH-05B Datasheet
190Kb / 15P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
VRPB-06B BEL-VRPB-06B Datasheet
182Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 6A
VRPC-10B BEL-VRPC-10B Datasheet
215Kb / 9P
NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.5 - 3.3V Output / 10A
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com