Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRPC-04C Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # VRPC-04C
Description  NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRPC-04C Datasheet(HTML) 7 Page - Bel Fuse Inc.

  VRPC-04C Datasheet HTML 1Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 2Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 3Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 4Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 5Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 6Page - Bel Fuse Inc. VRPC-04C Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 02.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06VRPC-04C
3.3V Input / 5V Output / 4A
page 7
n
i
P
n
o
i
t
c
n
u
F
1o
V
+
2o
V
+
3n
i
P
o
N
4o
V
-
5o
V
-
6n
i
V
-
7n
i
V
-
8n
i
V
+
*
9n
i
P
o
N
0
1n
i
V
+
1
1n
i
V
+
0.10
[2.54]
0.28
[7.12]
2.50 [63.50]
0.10 [2.54]
1.90 [48.26]
0.13
[3.30]
0.55
[13.98]
0.025
[0.64]
0.128
[3.25]
0.15
[3.81]
0.063
[1.60]
Dimensions are in inches [millimeters].
Standard dimension tolerance is ±0.005 [0.13] unless otherwise noted.
0.36
[9.15]
max
*Pin 9 used for remote on/off.
RoHS Compliance
Complies with the European Directive 2002/95/EC, calling for the elimination of lead and other
hazardous substances from electronic products.
Mechanical



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com