Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C86H Datasheet (PDF) - Renesas Technology Corp

82C86H Datasheet PDF - Renesas Technology Corp
Part # 82C86H
Download  82C86H Download
File Size   439.08 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Octal Bus Transceiver

82C86H Datasheet (PDF)

Go To PDF Page Download Datasheet
82C86H Datasheet PDF - Renesas Technology Corp

Part # 82C86H
Download  82C86H Click to download

File Size   439.08 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Octal Bus Transceiver

82C86H Datasheet (HTML) - Renesas Technology Corp


82C86H Product details

Features
• Full Eight Bit Bi-Directional Bus Interface
• Industry Standard 8286 Compatible Pinout
• High Drive Capability
- B Side IOL. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20mA
- A Side IOL. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12mA
• Three-State Outputs
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . 35ns Max.
• Gated Inputs
- Reduce Operating Power
- Eliminate the Need for Pull-Up Resistors
• Single 5V Power Supply
• Low Power Operation. . . . . . . . . . . . . . . .ICCSB = 10A
• Operating Temperature Range
- ID82C86H . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC

Description
The Intersil 82C86H is a high performance CMOS Octal
Transceiver manufactured using a self-aligned silicon gate
CMOS process (Scaled SAJI IV). The 82C86H provides a full
eight-bit bi-directional bus interface in a 20 lead package. The
Transmit (T) control determines the data direction. The active
low output enable (OE) permits simple interface to the 80C86,
80C88 and other microprocessors. The 82C86H has gated
inputs, eliminating the need for pull-up/pull-down resistors and
reducing overall system operating power dissipation




Similar Part No. - 82C86H

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C86H INTERSIL-82C86H Datasheet
109Kb / 8P
CMOS Octal Bus Transceiver
March 1997
82C86H INTERSIL-82C86H Datasheet
162Kb / 6P
CMOS Octal Bus Transceiver
June 2004
82C86H INTERSIL-82C86H_04 Datasheet
162Kb / 6P
CMOS Octal Bus Transceiver
June 2004
More results


Similar Description - 82C86H

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T Datasheet
67Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
logo
Intersil Corporation
82C86H INTERSIL-82C86H Datasheet
109Kb / 8P
CMOS Octal Bus Transceiver
March 1997
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
CMOS Octal Inverting Bus Transceiver
March 1997
logo
Pericom Semiconductor C...
PI74FCT623T PERICOM-PI74FCT623T Datasheet
37Kb / 3P
FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
logo
Intersil Corporation
82C86H INTERSIL-82C86H_04 Datasheet
162Kb / 6P
CMOS Octal Bus Transceiver
June 2004
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T_06 Datasheet
70Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
IDT74FCT621T IDT-IDT74FCT621T_16 Datasheet
78Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
logo
Renesas Technology Corp
82C87H RENESAS-82C87H Datasheet
192Kb / 8P
CMOS Octal Inverting Bus Transceiver
March 1997
IDT74FCT621T RENESAS-IDT74FCT621T Datasheet
207Kb / 7P
FAST CMOS OCTAL BUS TRANSCEIVER (OPEN DRAIN)
NOVEMBER 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com