Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DB836 Datasheet (PDF) - Renesas Technology Corp

9DB836 Datasheet PDF - Renesas Technology Corp
Part # 9DB836
Download  9DB836 Download
File Size   618.41 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Output 3.3V HCSL PCIe Buffer

9DB836 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DB836 Datasheet PDF - Renesas Technology Corp

Part # 9DB836
Download  9DB836 Click to download

File Size   618.41 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Output 3.3V HCSL PCIe Buffer

9DB836 Datasheet (HTML) - Renesas Technology Corp


9DB836 Product details

Description
The 9DB836 is a zero delay/fanout buffer for PCI Express™
clocking. It supports PCIe Gen1–3 in zero-delay mode and PCIe
Gen1–4 in fanout mode. The 9DB836 is a pin-compatible upgrade
to the 9DB833 and 9DB834 with a Safe Power Sequence (SPS)
clock input.

Features
▪ SPS internal receiver bias network keeps input clock parked
when input is floating
▪ Supports both 85Ω and 100Ω output impedance with
appropriate resistor selection
▪ OE# pins default to controlling outputs
▪ PLL or Bypass mode; PLL can dejitter incoming clock
▪ Selectable PLL bandwidth; minimizes jitter peaking in
downstream PLLs
▪ Spread spectrum compatible
▪ Outputs default to Hi-Z when disabled or when device is
powered down
▪ SMBus interface; unused outputs can be disabled
▪ 3 selectable SMBus addresses




Similar Part No. - 9DB836

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DB833 ICST-9DB833 Datasheet
240Kb / 18P
SMBus Interface; unused outputs can be disabled
REV G 082515
logo
Integrated Device Techn...
9DB833 IDT-9DB833 Datasheet
240Kb / 18P
PLL or bypass mode
logo
Renesas Technology Corp
9DB833 RENESAS-9DB833 Datasheet
407Kb / 19P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
9DB833 RENESAS-9DB833 Datasheet
375Kb / 19P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
9DB833AFILF RENESAS-9DB833AFILF Datasheet
375Kb / 19P
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1–3
MAY 25, 2018
More results


Similar Description - 9DB836

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C557-06 PERICOM-PI6C557-06 Datasheet
844Kb / 8P
1:4 HCSL PCIe Buffer
logo
Integrated Device Techn...
9DBL02 IDT-9DBL02 Datasheet
300Kb / 19P
2-output 3.3V PCIe Zero-Delay Buffer
9DBL04 IDT-9DBL04 Datasheet
305Kb / 19P
4-output 3.3V PCIe Zero-delay Buffer
9DBL06 IDT-9DBL06 Datasheet
318Kb / 19P
6-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
8-output 3.3V PCIe Zero-Delay Buffer
9DBL0442 IDT-9DBL0442 Datasheet
305Kb / 19P
4-Output 3.3V PCIe Zero-delay Buffer
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
8-output 3.3V PCIe Zero-Delay Buffer
logo
Renesas Technology Corp
9DB436 RENESAS-9DB436 Datasheet
398Kb / 18P
4-Output 3.3V HCSL PCIe Buffer
November 20, 2020
9DBL07X1 RENESAS-9DBL07X1 Datasheet
573Kb / 20P
7-Output 3.3V PCIe Fanout Buffer
AUGUST 1, 2017
9DBL09X1 RENESAS-9DBL09X1 Datasheet
577Kb / 20P
9-Output 3.3V PCIe Fanout Buffer
2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com