Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBL09X1 Datasheet (PDF) - Renesas Technology Corp

9DBL09X1 Datasheet PDF - Renesas Technology Corp
Part # 9DBL09X1
Download  9DBL09X1 Download
File Size   577.59 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 9-Output 3.3V PCIe Fanout Buffer

9DBL09X1 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DBL09X1 Datasheet PDF - Renesas Technology Corp

Part # 9DBL09X1
Download  9DBL09X1 Click to download

File Size   577.59 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 9-Output 3.3V PCIe Fanout Buffer

9DBL09X1 Datasheet (HTML) - Renesas Technology Corp


9DBL09X1 Product details

Features/Benefits
• Direct connection to 100 (xx41) or 85 (xx51)
transmission lines; saves 36 resistors compared to
standard PCIe devices
• 165mW typical power consumption (at 3.3V); eliminates
thermal concerns
• VDDIO allows 50% power savings at optional 1.05V;
maximum power savings
• SMBus-selectable features allows optimization to customer
requirements:
– control input polarity
– control input pull up/downs
– slew rate for each output
– differential output amplitude
– output impedance for each output
• Customer defined SMBus power up default can be
programmed into P1 device; allows exact optimization to
customer requirements
• OE# pins; support DIF power management
• HCSL differential input; can be driven by common clock sources
• Spread spectrum tolerant; allows reduction of EMI
• Device contains default configuration; SMBus interface not
required for device operation
• Three selectable SMBus addresses; multiple devices can
easily share an SMBus segment
• Space saving 48-pin 6 x 6mm VFQFPN; minimal board space




Similar Part No. - 9DBL09X1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DBL09X1 RENESAS-9DBL09X1 Datasheet
545Kb / 20P
9-Output 3.3V PCIe Fanout Buffer
AUGUST 1, 2017
9DBL09X1 RENESAS-9DBL09X1_V01 Datasheet
545Kb / 20P
9-Output 3.3V PCIe Fanout Buffer
AUGUST 1, 2017
More results


Similar Description - 9DBL09X1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0931 IDT-9DBV0931_16 Datasheet
269Kb / 18P
9-output 1.8V HCSL Fanout Buffer
9DBV0941 IDT-9DBV0941_16 Datasheet
269Kb / 18P
9-output 1.8V HCSL Fanout Buffer
9DBU0931 IDT-9DBU0931_17 Datasheet
213Kb / 17P
9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0941 IDT-9DBU0941_17 Datasheet
218Kb / 17P
9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
9DBV0931 IDT-9DBV0931_17 Datasheet
254Kb / 18P
9-Output 1.8V HCSL Fanout Buffer
logo
Renesas Technology Corp
9DB436 RENESAS-9DB436 Datasheet
398Kb / 18P
4-Output 3.3V HCSL PCIe Buffer
November 20, 2020
9DB836 RENESAS-9DB836 Datasheet
618Kb / 21P
8-Output 3.3V HCSL PCIe Buffer
November 20, 2020
9DBU0931 RENESAS-9DBU0931 Datasheet
407Kb / 18P
9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
9DBU0941 RENESAS-9DBU0941 Datasheet
412Kb / 18P
9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 9, 2017
9DBL07X1 RENESAS-9DBL07X1 Datasheet
573Kb / 20P
7-Output 3.3V PCIe Fanout Buffer
AUGUST 1, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com