Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBU0731 Datasheet (PDF) - Renesas Technology Corp

9DBU0731 Datasheet PDF - Renesas Technology Corp
Part # 9DBU0731
Download  9DBU0731 Download
File Size   406.87 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer

9DBU0731 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DBU0731 Datasheet PDF - Renesas Technology Corp

Part # 9DBU0731
Download  9DBU0731 Click to download

File Size   406.87 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer

9DBU0731 Datasheet (HTML) - Renesas Technology Corp


9DBU0731 Product details

Description
The 9DBU0731 is a member of IDT's 1.5V Ultra-Low-Power
(ULP) PCIe family. The device has 7 output enables for clock
management, and 3 selectable SMBus addresses.

Features/Benefits
• LP-HCSL outputs; save 14 resistors compared to standard
HCSL outputs
• 36mW typical power consumption; eliminates thermal
concerns
• Outputs can optionally be supplied from any voltage
between 1.05V and 1.5V; maximum power savings
• Spread Spectrum (SS) compatible; allows SS for EMI
reduction
• OE# pins for each output; support DIF power management
• HCSL-compatible differential input; can be driven by
common clock sources
• SMBus-selectable features; optimize signal integrity to
application
• slew rate for each output
• differential output amplitude
• Device contains default configuration; SMBus interface not
required for device operation
• 3.3V tolerant SMBus interface works with legacy controllers
• Three selectable SMBus addresses; multiple devices can
easily share an SMBus segment
• 5 × 5 mm 40-VFQFPN package; minimal board space




Similar Part No. - 9DBU0731

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBU0731 ICST-9DBU0731 Datasheet
220Kb / 17P
slew rate for each output
REVISION C 04/22/15
logo
Integrated Device Techn...
9DBU0731 IDT-9DBU0731 Datasheet
213Kb / 17P
7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0731AKILF IDT-9DBU0731AKILF Datasheet
213Kb / 17P
7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0731AKILFT IDT-9DBU0731AKILFT Datasheet
213Kb / 17P
7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0731AKLF IDT-9DBU0731AKLF Datasheet
213Kb / 17P
7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
More results


Similar Description - 9DBU0731

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBU0531 IDT-9DBU0531_17 Datasheet
213Kb / 17P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0541 IDT-9DBU0541_17 Datasheet
218Kb / 17P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
9DBU0731 IDT-9DBU0731 Datasheet
213Kb / 17P
7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0741 IDT-9DBU0741 Datasheet
218Kb / 17P
7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0931 IDT-9DBU0931_17 Datasheet
213Kb / 17P
9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0941 IDT-9DBU0941_17 Datasheet
218Kb / 17P
9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
logo
Renesas Technology Corp
9DBU0531 RENESAS-9DBU0531 Datasheet
407Kb / 18P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
9DBU0541 RENESAS-9DBU0541 Datasheet
412Kb / 18P
5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 9, 2017
9DBU0741 RENESAS-9DBU0741 Datasheet
412Kb / 18P
7-Output 1.5V PCIe Gen1-2-3 Fanout Buffer with Zo=100ohms
MARCH 8, 2017
9DBU0931 RENESAS-9DBU0931 Datasheet
407Kb / 18P
9-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com