Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBU0841 Datasheet (PDF) - Renesas Technology Corp

9DBU0841 Datasheet PDF - Renesas Technology Corp
Part # 9DBU0841
Download  9DBU0841 Download
File Size   3847.41 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms

9DBU0841 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DBU0841 Datasheet PDF - Renesas Technology Corp

Part # 9DBU0841
Download  9DBU0841 Click to download

File Size   3847.41 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms

9DBU0841 Datasheet (HTML) - Renesas Technology Corp


9DBU0841 Product details

Description
The 9DBU0841 is a member of IDT's 1.5V Ultra-Low-Power
(ULP) PCIe family. It has integrated output terminations
providing Zo=100 for direct connection to 100
transmission lines. The device has 8 output enables for clock
management and 3 selectable SMBus addresses.

Features/Benefits
• Direct connection to 100 transmission lines; saves 32
resistors compared to standard HCSL outputs
• 53mW typical power consumption in PLL mode; eliminates
thermal concerns
• Outputs can optionally be supplied from any voltage
between 1.05 and 1.5V; maximum power savings
• Spread Spectrum (SS) compatible; allows SS for EMI
reduction
• OE# pins; support DIF power management
• HCSL-compatible differential input; can be driven by
common clock sources
• Spread Spectrum tolerant; allows reduction of EMI
• SMBus-selectable features; optimize signal integrity to
application
• slew rate for each output
• differential output amplitude
• Pin/SMBus selectable PLL bandwidth and PLL Bypass;
optimize PLL to application
• Outputs blocked until PLL is locked; clean system start-up
• Device contains default configuration; SMBus interface not
required for device control
• Three selectable SMBus addresses; multiple devices can
easily share an SMBus segment
• 3.3V tolerant SMBus interface works with legacy controllers
• Space saving 48-pin 6x6mm VFQFPN; minimal board
space




Similar Part No. - 9DBU0841

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBU0841 ICST-9DBU0841 Datasheet
309Kb / 17P
slew rate for each output
REVISION C 04/22/15
logo
Integrated Device Techn...
9DBU0841 IDT-9DBU0841 Datasheet
309Kb / 17P
HCSL-compatible differential input
logo
Renesas Technology Corp
9DBU0841 RENESAS-9DBU0841 Datasheet
496Kb / 18P
8-Output 1.5V PCIe Gen1–3 Zero-Delay/Fan-Out Buffer with Zo = 100ohms
December 3, 2025
9DBU0841AKILF RENESAS-9DBU0841AKILF Datasheet
496Kb / 18P
8-Output 1.5V PCIe Gen1–3 Zero-Delay/Fan-Out Buffer with Zo = 100ohms
December 3, 2025
9DBU0841AKILFT RENESAS-9DBU0841AKILFT Datasheet
496Kb / 18P
8-Output 1.5V PCIe Gen1–3 Zero-Delay/Fan-Out Buffer with Zo = 100ohms
December 3, 2025
More results


Similar Description - 9DBU0841

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DBU0231 RENESAS-9DBU0231 Datasheet
486Kb / 18P
2 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
9DBU0241 RENESAS-9DBU0241 Datasheet
3Mb / 18P
2 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
04/22/15
9DBU0431 RENESAS-9DBU0431 Datasheet
3Mb / 17P
4 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
9DBU0441 RENESAS-9DBU0441 Datasheet
3Mb / 17P
4 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
4/22/15
9DBU0631 RENESAS-9DBU0631 Datasheet
3Mb / 18P
6 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
9DBU0641 RENESAS-9DBU0641 Datasheet
3Mb / 18P
6 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
04/22/15
9DBU0831 RENESAS-9DBU0831 Datasheet
356Kb / 17P
8 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB
04/22/15
9FGU0241 RENESAS-9FGU0241 Datasheet
398Kb / 16P
2 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0441 RENESAS-9FGU0441 Datasheet
394Kb / 16P
4 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0641 RENESAS-9FGU0641 Datasheet
403Kb / 16P
6 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com