Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DBU0841 Datasheet (PDF) - Integrated Device Technology

9DBU0841 Datasheet PDF - Integrated Device Technology
Part # 9DBU0841
Download  9DBU0841 Download
File Size   309.45 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HCSL-compatible differential input

9DBU0841 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DBU0841 Datasheet PDF - Integrated Device Technology

Part # 9DBU0841
Download  9DBU0841 Click to download

File Size   309.45 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HCSL-compatible differential input

9DBU0841 Datasheet (HTML) - Integrated Device Technology


9DBU0841 Product details

8 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms

Description
The 9DBU0841 is a member of IDTs 1.5V Ultra-Low-Power (ULP) PCIe family. It has integrated output terminations providing Zo=100 for direct connection to 100 transmission lines. The device has 8 output enables for clock management and 3 selectable SMBus addresses.

Features/Benefits
• Direct connection to 100 transmission lines; saves 32
   resistors compared to standard HCSL outputs
• 53mW typical power consumption in PLL mode; eliminates
   thermal concerns
• Outputs can optionally be supplied from any voltage
   between 1.05 and 1.5V; maximum power savings
• Spread Spectrum (SS) compatible; allows SS for EMI
   reduction
• OE# pins; support DIF power management
• HCSL-compatible differential input; can be driven by
   common clock sources
• Spread Spectrum tolerant; allows reduction of EMI
• SMBus-selectable features; optimize signal integrity to
   application
• slew rate for each output
• differential output amplitude
• Pin/SMBus selectable PLL bandwidth and PLL Bypass;
   optimize PLL to application
• Outputs blocked until PLL is locked; clean system start-up
• Device contains default configuration; SMBus interface not
   required for device control
• Three selectable SMBus addresses; multiple devices can
   easily share an SMBus segment
• 3.3V tolerant SMBus interface works with legacy controllers
• Space saving 48-pin 6x6mm VFQFPN; minimal board
   space




Similar Part No. - 9DBU0841

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBU0841 ICST-9DBU0841 Datasheet
309Kb / 17P
slew rate for each output
REVISION C 04/22/15
logo
Renesas Technology Corp
9DBU0841 RENESAS-9DBU0841 Datasheet
3Mb / 18P
8 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
04/22/15
9DBU0841 RENESAS-9DBU0841 Datasheet
496Kb / 18P
8-Output 1.5V PCIe Gen1–3 Zero-Delay/Fan-Out Buffer with Zo = 100ohms
December 3, 2025
9DBU0841AKILF RENESAS-9DBU0841AKILF Datasheet
496Kb / 18P
8-Output 1.5V PCIe Gen1–3 Zero-Delay/Fan-Out Buffer with Zo = 100ohms
December 3, 2025
9DBU0841AKILFT RENESAS-9DBU0841AKILFT Datasheet
496Kb / 18P
8-Output 1.5V PCIe Gen1–3 Zero-Delay/Fan-Out Buffer with Zo = 100ohms
December 3, 2025
More results


Similar Description - 9DBU0841

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0541 ICST-9DBV0541 Datasheet
165Kb / 16P
HCSL compatible differential input
9DBV0841 ICST-9DBV0841 Datasheet
223Kb / 16P
HCSL compatible differential input
REV C 081214
logo
Integrated Device Techn...
9DBU0231 IDT-9DBU0231 Datasheet
295Kb / 17P
HCSL compatible differential input
9DBU0241 IDT-9DBU0241 Datasheet
296Kb / 17P
HCSL-compatible differential input
9DBU0431 IDT-9DBU0431 Datasheet
194Kb / 16P
HCSL-compatible differential input
9DBU0441 IDT-9DBU0441 Datasheet
195Kb / 16P
HCSL-compatible differential input
9DBU0631 IDT-9DBU0631 Datasheet
225Kb / 17P
HCSL-compatible differential input
9DBU0831 IDT-9DBU0831 Datasheet
308Kb / 17P
HCSL-compatible differential input
9DBV0431 IDT-9DBV0431 Datasheet
213Kb / 17P
HCSL compatible differential input
9DBV0841 IDT-9DBV0841 Datasheet
223Kb / 16P
HCSL compatible differential input
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com