Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DMU0141 Datasheet (PDF) - Renesas Technology Corp

9DMU0141 Datasheet PDF - Renesas Technology Corp
Part # 9DMU0141
Download  9DMU0141 Download
File Size   308.09 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:1 1.5V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms

9DMU0141 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DMU0141 Datasheet PDF - Renesas Technology Corp

Part # 9DMU0141
Download  9DMU0141 Click to download

File Size   308.09 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:1 1.5V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms

9DMU0141 Datasheet (HTML) - Renesas Technology Corp


9DMU0141 Product details

General Description
The 9DMU0141 is a member of IDT's SOC-Friendly 1.5V
Ultra-Low-Power (ULP) PCIe Gen1-2-3 family. It has
integrated output terminations providing Zo=100ohms for
direct connection to 100ohm transmission lines. The output
has an OE# pin for optimal system control and power
management. The part provides asynchronous or glitch-free
switching modes.

Features/Benefits
• LP-HCSL output w/integrated terminations; saves 4
resistors compared to standard HCSL output
• 1.5V operation; 11mW typical power consumption
• Selectable asynchronous or glitch-free switching; allows
the mux to be selected at power up even if both inputs are
not running, then transition to glitch-free switching mode
• Spread Spectrum Compatible; supports EMI reduction
• OE# pins; support DIF power management
• HCSL differential inputs; can be driven by common clock
sources
• 1MHz to 167MHz operating frequency
• Space saving 16-pin 3x3mm VFQFPN; minimal board
space




Similar Part No. - 9DMU0141

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DMU0141 ICST-9DMU0141 Datasheet
120Kb / 10P
Selectable asynchronous or glitch-free switching
REVISION A 09/30/14
logo
Integrated Device Techn...
9DMU0141 IDT-9DMU0141 Datasheet
120Kb / 10P
Selectable asynchronous or glitch-free switching
logo
Renesas Technology Corp
9DMU0141 RENESAS-9DMU0141 Datasheet
367Kb / 10P
2:1 1.5V PCIe Gen1/2/3 Clock Mux with Zo = 100ohms
December 15, 2025
9DMU0141AKILF RENESAS-9DMU0141AKILF Datasheet
367Kb / 10P
2:1 1.5V PCIe Gen1/2/3 Clock Mux with Zo = 100ohms
December 15, 2025
9DMU0141AKILFT RENESAS-9DMU0141AKILFT Datasheet
367Kb / 10P
2:1 1.5V PCIe Gen1/2/3 Clock Mux with Zo = 100ohms
December 15, 2025
More results


Similar Description - 9DMU0141

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DBU0241 RENESAS-9DBU0241 Datasheet
3Mb / 18P
2 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
04/22/15
9DBU0441 RENESAS-9DBU0441 Datasheet
3Mb / 17P
4 O/P 1.5V PCIe Gen1-2-3 ZDB/FOB w/Zo=100ohms
4/22/15
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
9DMU0441 RENESAS-9DMU0441 Datasheet
2Mb / 12P
2:4 1.5V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
09/24/14
9DMV0141 RENESAS-9DMV0141 Datasheet
579Kb / 13P
2:1 1.8V PCIe Gen1-2-3 Clock Mux with Zo=100ohms
AUGUST 15, 2017
9DMV0441 RENESAS-9DMV0441 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
01/26/15
9FGU0241 RENESAS-9FGU0241 Datasheet
398Kb / 16P
2 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0441 RENESAS-9FGU0441 Datasheet
394Kb / 16P
4 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0641 RENESAS-9FGU0641 Datasheet
403Kb / 16P
6 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0841 RENESAS-9FGU0841 Datasheet
400Kb / 17P
8-output 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com