Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DMV0441 Datasheet (PDF) - Renesas Technology Corp

9DMV0441 Datasheet PDF - Renesas Technology Corp
Part # 9DMV0441
Download  9DMV0441 Download
File Size   2671.76 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:4 1.8V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms

9DMV0441 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DMV0441 Datasheet PDF - Renesas Technology Corp

Part # 9DMV0441
Download  9DMV0441 Click to download

File Size   2671.76 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:4 1.8V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms

9DMV0441 Datasheet (HTML) - Renesas Technology Corp


9DMV0441 Product details

General Description
The 9DMV0441 is a member of IDT's SOC-Friendly 1.8V
Very-Low-Power (VLP) PCIe Gen1-2-3 family. It has
integrated output terminations providing Zo=100 for direct
connection to 100 transmission lines. Each of the 4 outputs
has its own dedicated OE# pin for optimal system control and
power management. The part provides asynchronous and
glitch-free switching modes.

Features/Benefits
• LP-HCSL outputs w/integrated terminations; saves 16
resistors compared to standard HCSL outputs
• 1.8V operation; 36mW typical power consumption
• Selectable asynchronous or glitch-free switching; allows
the mux to be selected at power up even if both inputs are
not running, then transition to glitch-free switching mode
• Spread Spectrum Compatible; supports EMI reduction
• OE# pins; support DIF power management
• HCSL differential inputs; can be driven by common clock
sources
• 1MHz to 200MHz operating frequency
• Space saving 24-pin 4x4mm VFQFPN; minimal board
space




Similar Part No. - 9DMV0441

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DMV0441 ICST-9DMV0441 Datasheet
252Kb / 12P
Spread Spectrum Compatible
REVISION B 01/26/15
logo
Integrated Device Techn...
9DMV0441 IDT-9DMV0441 Datasheet
252Kb / 12P
Spread Spectrum Compatible
More results


Similar Description - 9DMV0441

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141_17 Datasheet
228Kb / 10P
2:1 1.8V PCIe Gen1-2-3 Clock Mux
logo
Renesas Technology Corp
9DMU0141 RENESAS-9DMU0141 Datasheet
308Kb / 11P
2:1 1.5V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
09/30/14
9DMU0441 RENESAS-9DMU0441 Datasheet
2Mb / 12P
2:4 1.5V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
09/24/14
9DMV0141 RENESAS-9DMV0141 Datasheet
579Kb / 13P
2:1 1.8V PCIe Gen1-2-3 Clock Mux with Zo=100ohms
AUGUST 15, 2017
9DMV0431 RENESAS-9DMV0431 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux
01/26/15
9FGL839 RENESAS-9FGL839 Datasheet
6Mb / 12P
8 OUTPUT LOW-POWER PCIE GEN1-2-3 CLOCK GENERATOR W/ZO=100OHMS
REV B 072114
9FGU0241 RENESAS-9FGU0241 Datasheet
398Kb / 16P
2 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0441 RENESAS-9FGU0441 Datasheet
394Kb / 16P
4 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0641 RENESAS-9FGU0641 Datasheet
403Kb / 16P
6 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0841 RENESAS-9FGU0841 Datasheet
400Kb / 17P
8-output 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com