Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DMV0431 Datasheet (PDF) - Renesas Technology Corp

9DMV0431 Datasheet PDF - Renesas Technology Corp
Part # 9DMV0431
Download  9DMV0431 Download
File Size   2843.8 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:4 1.8V PCIe Gen1-2-3 Clock Mux

9DMV0431 Datasheet (PDF)

Go To PDF Page Download Datasheet
9DMV0431 Datasheet PDF - Renesas Technology Corp

Part # 9DMV0431
Download  9DMV0431 Click to download

File Size   2843.8 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:4 1.8V PCIe Gen1-2-3 Clock Mux

9DMV0431 Datasheet (HTML) - Renesas Technology Corp


9DMV0431 Product details

General Description
The 9DMV0431 is a member of IDT's SOC-Friendly 1.8V
Very-Low-Power (VLP) PCIe Gen1-2-3 family. Each of the 4
outputs has its own dedicated OE# pin for optimal system
control and power management. The part provides
asynchronous and glitch-free switching modes.

Features/Benefits
• LP-HCSL outputs; save 8 resistors compared to standard
HCSL outputs
• 1.8V operation; 36mW typical power consumption
• Selectable asynchronous or glitch-free switching; allows
the mux to be selected at power up even if both inputs are
not running, then transition to glitch-free switching mode
• Spread Spectrum Compatible; supports EMI reduction
• OE# pins; support DIF power management
• HCSL differential inputs; can be driven by common clock
sources
• 1MHz to 200MHz operating frequency
• Space saving 24-pin 4x4mm VFQFPN; minimal board
space




Similar Part No. - 9DMV0431

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DMV0431 ICST-9DMV0431 Datasheet
206Kb / 12P
LP-HCSL outputs
REVISION B 01/26/15
logo
Integrated Device Techn...
9DMV0431 IDT-9DMV0431 Datasheet
206Kb / 12P
Spread Spectrum Compatible
More results


Similar Description - 9DMV0431

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
557GI-06LFT ETC-557GI-06LFT Datasheet
136Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141_17 Datasheet
228Kb / 10P
2:1 1.8V PCIe Gen1-2-3 Clock Mux
ICS557-06 IDT-ICS557-06_12 Datasheet
163Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Renesas Technology Corp
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
9DMU0431 RENESAS-9DMU0431 Datasheet
2Mb / 12P
2:4 1.5V PCIe Gen1-2-3 Clock Mux
09/24/14
9DMU0441 RENESAS-9DMU0441 Datasheet
2Mb / 12P
2:4 1.5V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
09/24/14
9DMV0131B RENESAS-9DMV0131B Datasheet
535Kb / 13P
2:1 1.8V PCIe Gen1–5 Clock Mux
May 25, 2021
9DMV0141 RENESAS-9DMV0141 Datasheet
579Kb / 13P
2:1 1.8V PCIe Gen1-2-3 Clock Mux with Zo=100ohms
AUGUST 15, 2017
9DMV0441 RENESAS-9DMV0441 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
01/26/15
ICS557-06 RENESAS-ICS557-06 Datasheet
321Kb / 13P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
070512
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com