Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DMV0131B Datasheet (PDF) - Renesas Technology Corp

9DMV0131B Datasheet PDF - Renesas Technology Corp
Part # 9DMV0131B
Download  9DMV0131B Download
File Size   535.76 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:1 1.8V PCIe Gen1–5 Clock Mux

9DMV0131B Datasheet (PDF)

Go To PDF Page Download Datasheet
9DMV0131B Datasheet PDF - Renesas Technology Corp

Part # 9DMV0131B
Download  9DMV0131B Click to download

File Size   535.76 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2:1 1.8V PCIe Gen1–5 Clock Mux

9DMV0131B Datasheet (HTML) - Renesas Technology Corp


9DMV0131B Product details

Description
The 9DMV0131B/9DMV0141B are 1.8V members of IDT’s
full-featured PCIe clock family. The 9DMV0131B uses external
series resistors for maximum flexibility, while the 9DMV0141B
integrates output terminations for direct connection to 100Ω
transmission lines. An OE# pin provides optimal system control
and power management. The parts provide asynchronous or
glitch-free switching modes.

Features
▪ Direct connection to 100Ω loads saves 4 resistors
(9DMV0141B)
▪ External series resistors allow use in 85Ω or 100Ω systems
(9DMV0131B)
▪ 1.8V operation; 12mW typical power consumption
▪ Selectable asynchronous or glitch-free switching; allows the
mux to be selected at power up even if both inputs are not
running, then transition to glitch-free switching mode
▪ OE# pin for flexible power sequencing
▪ HCSL differential inputs
▪ Spread spectrum tolerant; allows reduction of EMI
▪ 1MHz to 200MHz operating frequency
▪ Configuration accomplished with strapping pins, no SMBus
needed
▪ Space-saving 3 × 3 mm 16-VFQFPN; minimal board space




Similar Part No. - 9DMV0131B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9DMV0131B RENESAS-9DMV0131B Datasheet
513Kb / 13P
2:1 1.8V PCIe Gen1–5 Clock Mux
December 15, 2025
9DMV0131BKILF RENESAS-9DMV0131BKILF Datasheet
513Kb / 13P
2:1 1.8V PCIe Gen1–5 Clock Mux
December 15, 2025
9DMV0131BKILFT RENESAS-9DMV0131BKILFT Datasheet
513Kb / 13P
2:1 1.8V PCIe Gen1–5 Clock Mux
December 15, 2025
9DMV0131B RENESAS-9DMV0131B_V01 Datasheet
513Kb / 13P
2:1 1.8V PCIe Gen1–5 Clock Mux
December 15, 2025
More results


Similar Description - 9DMV0131B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
557GI-06LFT ETC-557GI-06LFT Datasheet
136Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141_17 Datasheet
228Kb / 10P
2:1 1.8V PCIe Gen1-2-3 Clock Mux
ICS557-06 IDT-ICS557-06_12 Datasheet
163Kb / 12P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Renesas Technology Corp
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
9DMU0141 RENESAS-9DMU0141 Datasheet
308Kb / 11P
2:1 1.5V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
09/30/14
9DMU0431 RENESAS-9DMU0431 Datasheet
2Mb / 12P
2:4 1.5V PCIe Gen1-2-3 Clock Mux
09/24/14
9DMV0141 RENESAS-9DMV0141 Datasheet
579Kb / 13P
2:1 1.8V PCIe Gen1-2-3 Clock Mux with Zo=100ohms
AUGUST 15, 2017
9DMV0431 RENESAS-9DMV0431 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux
01/26/15
9DMV0441 RENESAS-9DMV0441 Datasheet
2Mb / 13P
2:4 1.8V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
01/26/15
ICS557-06 RENESAS-ICS557-06 Datasheet
321Kb / 13P
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
070512
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com