Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9EPRS488 Datasheet (PDF) - Renesas Technology Corp

9EPRS488 Datasheet PDF - Renesas Technology Corp
Part # 9EPRS488
Download  9EPRS488 Download
File Size   475.21 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description System Clock for Embedded AMDTM based Systems

9EPRS488 Datasheet (PDF)

Go To PDF Page Download Datasheet
9EPRS488 Datasheet PDF - Renesas Technology Corp

Part # 9EPRS488
Download  9EPRS488 Click to download

File Size   475.21 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description System Clock for Embedded AMDTM based Systems

9EPRS488 Datasheet (HTML) - Renesas Technology Corp


9EPRS488 Product details

Output Features:
• Integrated series resistors on all differential outputs.
• 1 - Greyhound compatible low-power CPU pair
• 6 - low-power differential SRC pairs
• 2 - low-power differential chipset SouthBridge SRC pairs
• 1 - Selectable low-power differential 100MHz non-spread
SATA/ SRC output
• 1 - Selectable low-power differential SRC / 27MHz Single
Ended output
• 1 - Selectable HT3 100MHz low-power differential
hypertransport clock / HT66MHz Single Ended output
• 2 - 48MHz USB clock
• 3 - 14.318MHz Reference clock
• 3 - low-power differential ATIG pairs
• 5- Dedicated CLKREQ# pins




Similar Part No. - 9EPRS488

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9EPRS525 RENESAS-9EPRS525 Datasheet
351Kb / 21P
56-pin CK505 for Embedded Intel Systems
2019
logo
Integrated Device Techn...
9EPRS525AGILF IDT-9EPRS525AGILF Datasheet
215Kb / 20P
56-pin CK505 for Embedded Intel Systems
logo
Renesas Technology Corp
9EPRS525AGILF RENESAS-9EPRS525AGILF Datasheet
351Kb / 21P
56-pin CK505 for Embedded Intel Systems
2019
logo
Integrated Device Techn...
9EPRS525AGILFT IDT-9EPRS525AGILFT Datasheet
215Kb / 20P
56-pin CK505 for Embedded Intel Systems
logo
Renesas Technology Corp
9EPRS525AGILFT RENESAS-9EPRS525AGILFT Datasheet
351Kb / 21P
56-pin CK505 for Embedded Intel Systems
2019
More results


Similar Description - 9EPRS488

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS951412 ICST-ICS951412 Datasheet
283Kb / 10P
System Clock Chip for ATI RS480 K8-based Systems
ICS951411 ICST-ICS951411 Datasheet
197Kb / 19P
System Clock Chip for ATI RS400 P4TM-based Systems
ICS951413 ICST-ICS951413 Datasheet
306Kb / 23P
Programmable System Clock Chip for ATI RS400 P4-based Systems
logo
Integrated Device Techn...
ICS9LPRS480 IDT-ICS9LPRS480 Datasheet
255Kb / 25P
Programmable System Clock Chip for ATI RS780 - K8TM based Systems
logo
Renesas Technology Corp
9LPRS471C RENESAS-9LPRS471C Datasheet
423Kb / 23P
Programmable System Clock Chip for ATI RS790 - K8TM based Systems
05/23/12
9LPRS477C RENESAS-9LPRS477C Datasheet
416Kb / 25P
Programmable System Clock Chip for ATI RD790 - K8TM Based Systems
1393 01/28/14
9LPRS477D RENESAS-9LPRS477D Datasheet
548Kb / 27P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
REV C 010715
ICS951411 RENESAS-ICS951411 Datasheet
386Kb / 20P
System Clock Chip for ATI RS400 P4TM-based Systems
2019
ICS951412B RENESAS-ICS951412B Datasheet
395Kb / 22P
System Clock Chip for ATI RS480 K8-based Systems
2019
ICS951413 RENESAS-ICS951413 Datasheet
422Kb / 25P
Programmable System Clock Chip for ATI RS400 P4TM-based Systems
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com