Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAHS298B Datasheet (PDF) - Microsemi Corporation

AAHS298B Datasheet PDF - Microsemi Corporation
Part # AAHS298B
Download  AAHS298B Download
File Size   508.7 Kbytes
Page   11 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Radiation Tolerant 8-Channel Source Driver

AAHS298B Datasheet (PDF)

Go To PDF Page Download Datasheet
AAHS298B Datasheet PDF - Microsemi Corporation

Part # AAHS298B
Download  AAHS298B Click to download

File Size   508.7 Kbytes
Page   11 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Radiation Tolerant 8-Channel Source Driver

AAHS298B Datasheet (HTML) - Microsemi Corporation


AAHS298B Product details

Features
 700mA Output Source Current
 Zero Quiescent Off Current
 Full Channel Isolation to Prevent Fault
Propagation
 Internal Ground Clamp Diodes
 75V Output Breakdown Voltage
 TTL, 5V and 12V Logic Compatible
 Internal Thermal Shutdown
 Radiation tolerant to 100kRad(Si) Total Dose,
50kRad (Si) ELDRS
 -55°C to +125°C Temperature Range
 Available in 20-pin Ceramic SOIC with formed
and flat Leads
 QML listed with SMD 5962-15231

Applications
 Relay/Solenoid Drivers
 Lamp/LED Drivers
 Stepper and/or Servo Motor Drivers

Description
The AAHS298B is part of Microsemi’s new family of
Radiation Tolerant products aimed at the aerospace
and defense markets. The AAHS298B is a Radiation-
Tolerant source driver with eight non-inverting
channels, with internal thermal shutdown.
Capable of providing an interface from TTL, 5V or 12V
logic systems to relays, motors, solenoids, and other
loads, this device adds the additional benefit of an
internal thermal shutdown and output transient
protection/clamp diodes with sustaining voltages to
75V.
Each output is capable of sourcing 700mA with a
withstand voltage of 75V over the full military
temperature range. The thermal shutdown is intended
to protect against over-current and soft-start
occurrences.
The AAHS298B is offered in 20-pin ceramic SOIC
package with formed and flat leads. The AAHS298B
has demonstrated tolerance to 100kRad (Si) total dose
min), 50kRad (Si) ELDRS (min), as well as immunity
to latch-up and SEE tolerance.




Similar Part No. - AAHS298B

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AAH002-02 RHOPOINT-AAH002-02 Datasheet
183Kb / 1P
AA and AB-Series Analog Sensors
logo
List of Unclassifed Man...
AAH002-02 ETC2-AAH002-02 Datasheet
183Kb / 16P
AA and AB-Series Analog Sensors
AAH002-02 ETC2-AAH002-02 Datasheet
183Kb / 16P
AA and AB-Series Analog Sensors
logo
RHOPOINT COMPONENTS
AAH004-00 RHOPOINT-AAH004-00 Datasheet
183Kb / 1P
AA and AB-Series Analog Sensors
logo
List of Unclassifed Man...
AAH004-00 ETC2-AAH004-00 Datasheet
183Kb / 16P
AA and AB-Series Analog Sensors
More results


Similar Description - AAHS298B

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2985 ALLEGRO-2985 Datasheet
145Kb / 4P
8-CHANNEL SOURCE DRIVER
logo
Intersil Corporation
IS-2981RH INTERSIL-IS-2981RH Datasheet
41Kb / 2P
Radiation Hardened 8-Channel Source Driver
June 2000
logo
List of Unclassifed Man...
OLF249 ETC2-OLF249 Datasheet
28Kb / 3P
Radiation Tolerant Phototransistor
logo
Austin Semiconductor
AS58LC1001 AUSTIN-AS58LC1001 Datasheet
283Kb / 21P
128K x 8 EEPROM Radiation Tolerant
logo
Allegro MicroSystems
A2982 ALLEGRO-A2982 Datasheet
313Kb / 8P
8-Channel Source Driver
logo
Intersil Corporation
IS-2981RH INTERSIL-IS-2981RH_13 Datasheet
170Kb / 4P
Radiation Hardened 8-Channel Source Driver
June 24, 2013
logo
Micropac Industries
66342 MICROPAC-66342 Datasheet
78Kb / 2P
PROTON RADIATION TOLERANT
66296 MICROPAC-66296 Datasheet
123Kb / 2P
PROTON RADIATION TOLERANT
53250 MICROPAC-53250_07 Datasheet
75Kb / 7P
RADIATION TOLERANT
logo
Renesas Technology Corp
ISL71040M RENESAS-ISL71040M Datasheet
768Kb / 24P
Radiation Tolerant Low-Side GaN FET Driver
Dec 15, 2022
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com