Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL71040M Datasheet (PDF) - Renesas Technology Corp

ISL71040M Datasheet PDF - Renesas Technology Corp
Part # ISL71040M
Download  ISL71040M Download
File Size   768.83 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant Low-Side GaN FET Driver

ISL71040M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL71040M Datasheet PDF - Renesas Technology Corp

Part # ISL71040M
Download  ISL71040M Click to download

File Size   768.83 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant Low-Side GaN FET Driver

ISL71040M Datasheet (HTML) - Renesas Technology Corp


ISL71040M Product details

Features
• Wide operating voltage range of 4.5V to 13.2V
• Up to 14.7V logic inputs (regardless of VDD
level)
○ Inverting and non-inverting inputs
• Optimized to drive enhancement mode GaN
FETs
○ Internal 4.5V regulated gate drive voltage
○ Independent outputs for adjustable
turn-on/turn-off speeds
• NiPdAu-Ag Lead finish (Sn-free, Pb-free)
• Moisture Sensitivity Level (MSL) Rating: 1
• Passes NASA Low Outgassing Specifications
• Full military temperature range operation
○ TA = -55°C to +125°C
○ TJ = -55°C to +150°C
• Characterized radiation levels
○ Low Dose Rate (LDR) <0.01rad(Si)/s: 30krad(Si)
○ No SEB/L, VDD = 16.5V: 43MeV•cm2/mg
Applications
• Flyback and forward converters
• Boost and PFC converters
• Secondary synchronous FET drivers




Similar Part No. - ISL71040M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71040M RENESAS-ISL71040M Datasheet
788Kb / 23P
Radiation Tolerant Low-Side GaN FET Driver
Oct 3, 2024
ISL71040M30RTZ RENESAS-ISL71040M30RTZ Datasheet
788Kb / 23P
Radiation Tolerant Low-Side GaN FET Driver
Oct 3, 2024
ISL71040M30RTZ-T RENESAS-ISL71040M30RTZ-T Datasheet
788Kb / 23P
Radiation Tolerant Low-Side GaN FET Driver
Oct 3, 2024
ISL71040M30RTZ-T7A RENESAS-ISL71040M30RTZ-T7A Datasheet
788Kb / 23P
Radiation Tolerant Low-Side GaN FET Driver
Oct 3, 2024
ISL71040M50RTZ RENESAS-ISL71040M50RTZ Datasheet
788Kb / 23P
Radiation Tolerant Low-Side GaN FET Driver
Oct 3, 2024
More results


Similar Description - ISL71040M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RIC7113A4 IRF-RIC7113A4 Datasheet
156Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113E4 IRF-RIC7113E4 Datasheet
168Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113A4 IRF-RIC7S113A4_15 Datasheet
239Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113L4 IRF-RIC7S113L4_15 Datasheet
226Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113A4 IRF-RIC7113A4_15 Datasheet
223Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
logo
Micropac Industries
53250 MICROPAC-53250_07 Datasheet
75Kb / 7P
RADIATION TOLERANT
logo
Microsemi Corporation
AAHS298B MICROSEMI-AAHS298B Datasheet
508Kb / 11P
Radiation Tolerant 8-Channel Source Driver
June 2017 Rev. 1.6
logo
Renesas Technology Corp
RAA226110 RENESAS-RAA226110 Datasheet
510Kb / 23P
Low-Side GAN FET Driver with Programmable Source Current and Adjustable Overcurrent Protection
Sep.15.20
ISL70040SEH RENESAS-ISL70040SEH Datasheet
1Mb / 20P
Radiation Hardened Low-Side GaN FET Driver
Jul 30, 2021
ISL73033SLHM RENESAS-ISL73033SLHM Datasheet
477Kb / 15P
Radiation Hardened Driver-GaN Power Stage with 100V GaN FET
Jul 30, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com