Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL71040M30RTZ Datasheet (PDF) - Renesas Technology Corp

ISL71040M30RTZ Datasheet PDF - Renesas Technology Corp
Part # ISL71040M30RTZ
Download  ISL71040M30RTZ Download
File Size   788.78 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant Low-Side GaN FET Driver

ISL71040M30RTZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL71040M30RTZ Datasheet PDF - Renesas Technology Corp

Part # ISL71040M30RTZ
Download  ISL71040M30RTZ Click to download

File Size   788.78 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant Low-Side GaN FET Driver

ISL71040M30RTZ Datasheet (HTML) - Renesas Technology Corp


ISL71040M30RTZ Product details

Features
▪ Qualified to Renesas Rad Tolerant Screening and
QCI Flow (R34TB0004EU)
▪ Wide operating voltage range of 4.5V to 13.2V
▪ Up to 14.7V logic inputs (regardless of VDD level)
• Inverting and non-inverting inputs
▪ Optimized to drive enhancement mode GaN FETs
• Internal 4.5V regulated gate drive voltage
• Independent outputs for adjustable
turn-on/turn-off speeds
▪ NiPdAu-Ag Lead finish (Sn-free, Pb-free)
▪ Moisture Sensitivity Level (MSL) Rating: 1
▪ Passes NASA Low Outgassing Specifications
▪ Full military temperature range operation
• TA = -55°C to +125°C
• TJ = -55°C to +150°C
▪ TID Radiation Lot Acceptance Testing (LDR:
<0.01rad(Si)/s)
• ISL71040M30RTZ: 30krad(Si)
• ISL71040M50RTZ: 50krad(Si)
▪ SEE Characterization
• No DSEE with VDD = 16.5V at 43MeV•cm2/mg
• SET ≤15μm2 at 43MeV•cm2/mg




Similar Part No. - ISL71040M30RTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71040M RENESAS-ISL71040M Datasheet
768Kb / 24P
Radiation Tolerant Low-Side GaN FET Driver
Dec 15, 2022
ISL71040MEV1Z RENESAS-ISL71040MEV1Z Datasheet
564Kb / 13P
100V, 60A Enhancement Mode GaN Power Transistor
May 4, 2022
ISL71040MEV1Z RENESAS-ISL71040MEV1Z Datasheet
768Kb / 24P
Radiation Tolerant Low-Side GaN FET Driver
Dec 15, 2022
ISL71040MEV1Z RENESAS-ISL71040MEV1Z Datasheet
527Kb / 14P
100V, 60A Enhancement Mode GaN Power Transistor
Mar 28, 2024
ISL71040MRTZ RENESAS-ISL71040MRTZ Datasheet
768Kb / 24P
Radiation Tolerant Low-Side GaN FET Driver
Dec 15, 2022
More results


Similar Description - ISL71040M30RTZ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RIC7113A4 IRF-RIC7113A4 Datasheet
156Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113E4 IRF-RIC7113E4 Datasheet
168Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113A4 IRF-RIC7S113A4_15 Datasheet
239Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113L4 IRF-RIC7S113L4_15 Datasheet
226Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
logo
Micropac Industries
53250 MICROPAC-53250_07 Datasheet
75Kb / 7P
RADIATION TOLERANT
logo
Microsemi Corporation
AAHS298B MICROSEMI-AAHS298B Datasheet
508Kb / 11P
Radiation Tolerant 8-Channel Source Driver
June 2017 Rev. 1.6
logo
Renesas Technology Corp
RAA226110 RENESAS-RAA226110 Datasheet
510Kb / 23P
Low-Side GAN FET Driver with Programmable Source Current and Adjustable Overcurrent Protection
Sep.15.20
ISL70040SEH RENESAS-ISL70040SEH Datasheet
1Mb / 20P
Radiation Hardened Low-Side GaN FET Driver
Jul 30, 2021
ISL71040M RENESAS-ISL71040M Datasheet
768Kb / 24P
Radiation Tolerant Low-Side GaN FET Driver
Dec 15, 2022
ISL73033SLHM RENESAS-ISL73033SLHM Datasheet
477Kb / 15P
Radiation Hardened Driver-GaN Power Stage with 100V GaN FET
Jul 30, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com