Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70040SEH Datasheet (PDF) - Renesas Technology Corp

ISL70040SEH Datasheet PDF - Renesas Technology Corp
Part # ISL70040SEH
Download  ISL70040SEH Download
File Size   1113.04 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Low-Side GaN FET Driver

ISL70040SEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70040SEH Datasheet PDF - Renesas Technology Corp

Part # ISL70040SEH
Download  ISL70040SEH Click to download

File Size   1113.04 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Low-Side GaN FET Driver

ISL70040SEH Datasheet (HTML) - Renesas Technology Corp


ISL70040SEH Product details

Features
• Wide operating voltage range of 4.5V to 13.2V
• Up to 14.7V logic inputs (regardless of VDD level)
• Inverting and non-inverting inputs
• Optimized to drive enhancement mode GaN FETs
• Internal 4.5V regulated gate drive voltage
• Independent outputs for adjustable
turn-on/turn-off speeds
• Full military temperature range operation
• TA = -55°C to +125°C
• TJ = -55°C to +150°C
• Radiation acceptance testing - ISL70040SEH
• HDR (50-300rad(Si)/s): 100krad(Si)
• LDR (0.01rad(Si)/s): 75krad(Si)
• Radiation acceptance testing - ISL73040SEH
• LDR (0.01rad(Si)/s): 75krad(Si)
• SEE hardness (see the SEE Report for details)
• No SEB/L LETTH, VDD = 14.7V: 86MeV•cm2/mg
• No SET, LETTH, VDD = 13.2V: 86MeV•cm2/mg
• Electrically screened to DLA SMD 5962-17233
Applications
• Flyback and forward converters
• Boost and PFC converters
• Secondary synchronous FET drivers




Similar Part No. - ISL70040SEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL70040SEHEV2Z RENESAS-ISL70040SEHEV2Z Datasheet
564Kb / 13P
100V, 60A Enhancement Mode GaN Power Transistor
May 4, 2022
ISL70040SEHEV2Z RENESAS-ISL70040SEHEV2Z Datasheet
527Kb / 14P
100V, 60A Enhancement Mode GaN Power Transistor
Mar 28, 2024
ISL70040SEHEV3Z RENESAS-ISL70040SEHEV3Z Datasheet
512Kb / 13P
200V, 7.5A Enhancement Mode GaN Power Transistor
May 5, 2022
ISL70040SEHEV3Z RENESAS-ISL70040SEHEV3Z Datasheet
477Kb / 14P
200V, 7.5A Enhancement Mode GaN Power Transistor
Mar 28, 2024
ISL70040SEHEV5Z RENESAS-ISL70040SEHEV5Z Datasheet
521Kb / 13P
40V, 65A Enhancement Mode GaN Power Transistors
Apr 21, 2022
More results


Similar Description - ISL70040SEH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RIC7113A4 IRF-RIC7113A4 Datasheet
156Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
logo
Intersil Corporation
IS-1715ARH INTERSIL-IS-1715ARH Datasheet
30Kb / 2P
Radiation Hardened Complementary Switch FET Driver
August 2000
logo
International Rectifier
RIC7113E4 IRF-RIC7113E4 Datasheet
168Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113A4 IRF-RIC7S113A4_15 Datasheet
239Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113E4 IRF-RIC7S113E4_15 Datasheet
223Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113L4 IRF-RIC7S113L4_15 Datasheet
226Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113A4 IRF-RIC7113A4_15 Datasheet
223Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113E4 IRF-RIC7113E4_15 Datasheet
227Kb / 9P
RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
logo
Renesas Technology Corp
ISL71040M RENESAS-ISL71040M Datasheet
768Kb / 24P
Radiation Tolerant Low-Side GaN FET Driver
Dec 15, 2022
ISL73033SLHM RENESAS-ISL73033SLHM Datasheet
477Kb / 15P
Radiation Hardened Driver-GaN Power Stage with 100V GaN FET
Jul 30, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com