Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73033SLHM Datasheet (PDF) - Renesas Technology Corp

ISL73033SLHM Datasheet PDF - Renesas Technology Corp
Part # ISL73033SLHM
Download  ISL73033SLHM Download
File Size   477.15 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Driver-GaN Power Stage with 100V GaN FET

ISL73033SLHM Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL73033SLHM Datasheet PDF - Renesas Technology Corp

Part # ISL73033SLHM
Download  ISL73033SLHM Click to download

File Size   477.15 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Driver-GaN Power Stage with 100V GaN FET

ISL73033SLHM Datasheet (HTML) - Renesas Technology Corp


ISL73033SLHM Product details

Features
▪ Production testing and qualification follow the
standard AS6294/1
▪ 100V, 7.5mΩ eGaN FET with integrated 4.5V gate
driver
▪ Wide driver bias range of 4.5V to 13.2V
▪ Up to 16.5V logic inputs (regardless of VDD level)
• Inverting and non-inverting inputs
▪ Integrated driver optimized for enhancement-mode
GaN FETs
• Internal 4.5V regulated gate drive voltage
▪ Full military temperature range operation
• TA = -55°C to +125°C
• TJ = -55°C to +150°C
▪ Radiation hardness assurance (lot-by-lot)
• Low dose rate (0.01rad(Si)/s): 75krad(Si)
▪ SEE hardness for Driver (see the SEE test report)
• No SEB/L LETTH, VDD = 16.5V: 86MeV•cm2/mg
• No SET, LETTH, VDD = 13.2V: 86MeV•cm2/mg
▪ SEE hardness for GaN FET (see the SEE test
report)
• No SEB/L LETTH, VDS = 100V: 86MeV•cm2/mg




Similar Part No. - ISL73033SLHM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL73002SEHF RENESAS-ISL73002SEHF Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL73002SEHFE RENESAS-ISL73002SEHFE Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL73002SEHVF RENESAS-ISL73002SEHVF Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL73002SEHVFE RENESAS-ISL73002SEHVFE Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL73002SEHVX RENESAS-ISL73002SEHVX Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
More results


Similar Description - ISL73033SLHM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IS-1715ARH INTERSIL-IS-1715ARH Datasheet
30Kb / 2P
Radiation Hardened Complementary Switch FET Driver
August 2000
logo
International Rectifier
IRHM9130 IRF-IRHM9130 Datasheet
135Kb / 8P
RADIATION HARDENED POWER MOSFET / 100V, P-CHANNEL
IP2010PBF IRF-IP2010PBF Datasheet
45Kb / 1P
High Frequency GaN-Based Integrated Power Stage
logo
Texas Instruments
LMG5200 TI-LMG5200_15 Datasheet
229Kb / 23P
GaN TECHNOLOGY PREVIEWLMG5200 80-V, GaN Half-Bridge Power Stage
LMG5200 TI1-LMG5200_16 Datasheet
299Kb / 23P
GaN Half-Bridge Power Stage
logo
Renesas Technology Corp
ISL70040SEH RENESAS-ISL70040SEH Datasheet
1Mb / 20P
Radiation Hardened Low-Side GaN FET Driver
Jul 30, 2021
ISL71040M RENESAS-ISL71040M Datasheet
768Kb / 24P
Radiation Tolerant Low-Side GaN FET Driver
Dec 15, 2022
logo
Analog Devices
LT8418 AD-LT8418 Datasheet
686Kb / 19P
100V Half-Bridge GaN Driver with Smart Integrated Bootstrap Switch
Rev 0
logo
Rohm
BM3G007MUV-LB ROHM-BM3G007MUV-LB Datasheet
1Mb / 29P
650 V GaN HEMT Power Stage
13.Jan.2023 Rev.001
BM3G015MUV-LB ROHM-BM3G015MUV-LB Datasheet
1Mb / 29P
650 V GaN HEMT Power Stage
13.Jan.2023 Rev.001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com