Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA226110 Datasheet (PDF) - Renesas Technology Corp

RAA226110 Datasheet PDF - Renesas Technology Corp
Part # RAA226110
Download  RAA226110 Download
File Size   510.29 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Side GAN FET Driver with Programmable Source Current and Adjustable Overcurrent Protection

RAA226110 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA226110 Datasheet PDF - Renesas Technology Corp

Part # RAA226110
Download  RAA226110 Click to download

File Size   510.29 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Side GAN FET Driver with Programmable Source Current and Adjustable Overcurrent Protection

RAA226110 Datasheet (HTML) - Renesas Technology Corp


RAA226110 Product details

Features
• Wide operating voltage range of 6.5V to 18V
• Up to 18V logic inputs (regardless of VDD level)
○ Inverting and non-inverting inputs
• Optimized to drive enhancement mode GaN FETs
○ Internal 5.8V regulated gate drive voltage
○ Independent outputs for adjustable
turn-on/turn-off speeds
○ Source current programmable 0.3A, 0.75A, 2A
○ Overcurrent protection with adjustable thresholds
of 40mV, 80mV, 120mV
• Fault pin and over-temperature protection
• Operating temperature range: -40°C to +125°C
• Flyback and forward converters
• Boost and PFC converters
• Secondary synchronous FET drivers




Similar Part No. - RAA226110

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA220001 RENESAS-RAA220001 Datasheet
267Kb / 15P
Synchronous Rectified Buck MOSFET Driver
Jul.11.19
RAA220002 RENESAS-RAA220002 Datasheet
298Kb / 17P
Dual Synchronous Rectified Buck MOSFET Driver
Jul.8.19
RAA22010540 RENESAS-RAA22010540 Datasheet
999Kb / 25P
5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
Apr 13, 2021
RAA223010 RENESAS-RAA223010 Datasheet
2Mb / 21P
700V AC/DC Buck Regulator with Ultra-Low Standby Power
Dec 7, 2022
RAA223011 RENESAS-RAA223011 Datasheet
931Kb / 24P
700V AC/DC Buck Regulator with Ultra-Low Standby Power
May 12, 2021
More results


Similar Description - RAA226110

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UDN2987X-6 ALLEGRO-UDN2987X-6 Datasheet
656Kb / 9P
DABIC-5 8-Channel Source Driver with Overcurrent Protection
UDN2987-6 ALLEGRO-UDN2987-6 Datasheet
252Kb / 9P
DABIC-5 8-Channel Source Driver with Overcurrent Protection
UDN2987LW-6 ALLEGRO-UDN2987LW-6 Datasheet
268Kb / 9P
DABIC-5 8-Channel Source Driver with Overcurrent Protection
logo
SG Micro Corp
SGM3131 SGMICRO-SGM3131 Datasheet
370Kb / 13P
Driver with Low Dropout Current Source
logo
Texas Instruments
INA3221-Q1 TI1-INA3221-Q1 Datasheet
1Mb / 45P
Current and Voltage Monitor with Programmable Overcurrent Alerts
logo
Maxim Integrated Produc...
MAX17561EVKIT MAXIM-MAX17561EVKIT Datasheet
437Kb / 10P
Adjustable Overcurrent and Overvoltage Protection Solutions
Rev 0; 6/17
logo
Kinetic Technologies.
KTD2681 KINETIC-KTD2681 Datasheet
106Kb / 2P
Flash LED Driver with Programmable 1.5A Current Source
August 2020 - Revision 04b
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
logo
Renesas Technology Corp
ISL70040SEH RENESAS-ISL70040SEH Datasheet
1Mb / 20P
Radiation Hardened Low-Side GaN FET Driver
Jul 30, 2021
ISL71040M RENESAS-ISL71040M Datasheet
768Kb / 24P
Radiation Tolerant Low-Side GaN FET Driver
Dec 15, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com