Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMH14 Datasheet (PDF) - Nexperia B.V. All rights reserved

PUMH14 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PUMH14
Download  PUMH14 Download
File Size   222.62 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN/NPN resistor-equipped transistor; R1 = 47 kΩ, R2 = open

PUMH14 Datasheet (PDF)

Go To PDF Page Download Datasheet
PUMH14 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PUMH14
Download  PUMH14 Click to download

File Size   222.62 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN/NPN resistor-equipped transistor; R1 = 47 kΩ, R2 = open

PUMH14 Datasheet (HTML) - Nexperia B.V. All rights reserved


PUMH14 Product details

1. General description
NPN/NPN Resistor-Equipped Transistor (RET) in a very small SOT363 (SC-88) Surface-Mounted
Device (SMD) plastic package.
NPN/PNP complement: PUMD14
PNP/PNP complement: PUMB14

2. Features and benefits
• Built-in bias resistors
• Simplified circuit design
• Reduces component count
• Reduces pick and place costs
• AEC-Q101 qualified

3. Applications
• Low current peripheral driver
• Controlling IC inputs
• Replacement of general purpose transistors in digital applications




Similar Part No. - PUMH14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMH14 PHILIPS-PUMH14 Datasheet
49Kb / 8P
NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open
Rev. 02-29 April 2005
PUMH14 PHILIPS-PUMH14 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMH14 NXP-PUMH14 Datasheet
101Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 47 k廓, R2 = open
Rev. 03-15 November 2009
logo
Nexperia B.V. All right...
PUMH14 NEXPERIA-PUMH14 Datasheet
186Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 47 kW, R2 = open
Rev. 02 - 31 August 2009
More results


Similar Description - PUMH14

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC123JM NEXPERIA-PDTC123JM Datasheet
818Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 47 kΩ
1 April 2023
PDTC143ZU-Q NEXPERIA-PDTC143ZU-Q Datasheet
227Kb / 11P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 4.7 kΩ, R2 = 47 kΩ
22 February 2023
PUMH16 NEXPERIA-PUMH16 Datasheet
222Kb / 10P
50 V, 100 mA NPN/NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 47 kΩ
31 March 2023
PDTC114YT-Q NEXPERIA-PDTC114YT-Q Datasheet
230Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 10 kΩ, R2 = 47 kΩ
8 March 2022
PDTC123JT NEXPERIA-PDTC123JT Datasheet
809Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 47 kΩ
1 April 2023
PDTC123JU NEXPERIA-PDTC123JU Datasheet
774Kb / 11P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 47 kΩ
1 April 2023
PDTC144ET-Q NEXPERIA-PDTC144ET-Q Datasheet
227Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 47 kΩ, R2 = 47 kΩ
7 March 2022
PDTC144EU-Q NEXPERIA-PDTC144EU-Q Datasheet
225Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 47 kΩ, R2 = 47 kΩ
18 March 2022
PUMH2-Q NEXPERIA-PUMH2-Q Datasheet
1Mb / 12P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ
8 October 2021
PEMH2 NEXPERIA-PEMH2 Datasheet
222Kb / 11P
50 V, 100 mA NPN/NPN resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ
29 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com