Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30361 Datasheet (PDF) - Microsemi Corporation

ZL30361 Datasheet PDF - Microsemi Corporation
Part # ZL30361
Download  ZL30361 Download
File Size   347.71 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description IEEE 1588 and Synchronous Ethernet Packet Clock Network Synchronizer

ZL30361 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL30361 Datasheet PDF - Microsemi Corporation

Part # ZL30361
Download  ZL30361 Click to download

File Size   347.71 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description IEEE 1588 and Synchronous Ethernet Packet Clock Network Synchronizer

ZL30361 Datasheet (HTML) - Microsemi Corporation


ZL30361 Product details

Features
• Frequency and Phase Sync over Packet Networks
• Frequency accuracy performance for WCDMAFDD,
GSM, LTE-FDD and femtocell applications
• Frequency performance for ITU-T G.823 and
G.824 synchronization interface, as well as
G.8261 PNT PEC and CES interfaces
• Phase Synchronization performance for
WCDMA-TDD, Mobile WiMAX, TD-SCDMA and
CDMA2000 applications
• Client holdover and reference switching
between multiple Servers
• Physical Layer Equipment Clocks Synchronizatin
• ITU-T G.8262 for SyncE EEC option 1 and 2
• ITU-T G.813 for SONET/SDH SEC option 1 and
2
• Telcordia GR-1244 and GR-253 Stratum 3 and
SMC
• Support for G.781 SETS
• Any input clock rate from 1 Hz to 750 MHz
• Automatic hitless reference switching and digital
holdover on reference fail
• Flexible two-stage architecture translates between
arbitrary data, line coding and FEC rates
• Digital PLL with programmable bandwidth from
0.1 mHz up to 1 kHz
• Programmable synthesizers
• Any output clock rate from 1Hz to 750MHz
• Output jitter below 0.62 ps rms
• Operates from a single crystal resonator or clock
oscillator
• Configurable via SPI/I2C interface




Similar Part No. - ZL30361

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30100 ZARLINK-ZL30100 Datasheet
560Kb / 34P
T1/E1 System Synchronizer
ZL30100QDC ZARLINK-ZL30100QDC Datasheet
560Kb / 34P
T1/E1 System Synchronizer
ZL30100QDC ZARLINK-ZL30100QDC Datasheet
384Kb / 36P
T1/E1 System Synchronizer
ZL30100QDG1 ZARLINK-ZL30100QDG1 Datasheet
384Kb / 36P
T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100_06 Datasheet
384Kb / 36P
T1/E1 System Synchronizer
More results


Similar Description - ZL30361

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33724 IDT-82P33724 Datasheet
239Kb / 13P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33741 IDT-82P33741 Datasheet
813Kb / 61P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
82P33814 IDT-82P33814_16 Datasheet
350Kb / 13P
Synchronization Management Unit for IEEE 1588 and Synchronous Ethernet
logo
MTRONPTI
M610X MTRONPTI-M610X_12 Datasheet
405Kb / 2P
IEEE 1588 & Synchronous Ethernet
logo
Integrated Device Techn...
82P33724 IDT-82P33724_17 Datasheet
771Kb / 55P
Port Synchronizer for IEEE 1588 Synchronous Ethernet
82P33741 IDT-82P33741_17 Datasheet
754Kb / 58P
Port Synchronizer for IEEE 1588 Synchronous Ethernet
logo
Microsemi Corporation
ZL30791 MICROSEMI-ZL30791 Datasheet
375Kb / 8P
IEEE 1588 & Synchronous Ethernet Packet Clock Network Synchronizers
ZL30771 MICROSEMI-ZL30771 Datasheet
362Kb / 6P
IEEE 1588 & Synchronous Ethernet Packet Clock Network Synchronizers
logo
Renesas Technology Corp
82P33724 RENESAS-82P33724 Datasheet
984Kb / 56P
Port Synchronizer for IEEE 1588 and Synchronous Ethernet
September 15, 2017
82P33741 RENESAS-82P33741 Datasheet
1Mb / 59P
Port Synchronizer for IEEE 1588 and 10G/ 40G/ 100G Synchronous Ethernet
September 15, 2017
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com