Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30263 Datasheet (PDF) - Microsemi Corporation

ZL30263 Datasheet PDF - Microsemi Corporation
Part # ZL30263
Download  ZL30263 Download
File Size   265.99 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer

ZL30263 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL30263 Datasheet PDF - Microsemi Corporation

Part # ZL30263
Download  ZL30263 Click to download

File Size   265.99 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer

ZL30263 Datasheet (HTML) - Microsemi Corporation


ZL30263 Product details

Features
 4 Flexible Input Clocks
 One crystal/CMOS input
 Two differential/CMOS inputs
 One single-ended/CMOS input
 Any input frequency from 9.72MHz to 1.25GHz
(300MHz max for CMOS)
 Activity monitors, automatic or manual switching
 Glitchless clock switching by pin or register
 6 or 10 Any-Frequency, Any-Format Outputs
 Any output frequency from 1Hz to 1045MHz
 High-resolution frac-N APLL with 0ppm error
 The APLL has a fractional divider and an
integer divider to make two independent
frequency families
 Output jitter from the integer divider as low as
0.17ps RMS (12kHz-20MHz)
 Output jitter from fractional dividers is typically
< 1ps RMS, many frequencies <0.5ps RMS
 Each output has an independent divider
 Each output configurable as LVDS, LVPECL,
HCSL, 2xCMOS or HSTL
 In 2xCMOS mode, the P and N pins can be
different frequencies (e.g. 125MHz and 25MHz)
 Multiple output supply voltage banks with
CMOS output voltages from 1.5V to 3.3V
 Precise output alignment circuitry and peroutput
phase adjustment
 Per-output enable/disable and glitchless
start/stop (stop high or low)
General Features
 Automatic self-configuration at power-up from
external (ZL30260 or 2) or internal (ZL30261 or 3)
EEPROM; up to 8 configurations pin-selectable
 External feedback for zero-delay applications
 Numerically controlled oscillator mode
 Spread-spectrum modulation mode
 Easy-to-configure design requires no external
VCXO or loop filter components
 SPI or I2C processor Interface
 Core supply voltage options: 2.5V only, 3.3V
only, 1.8V+2.5V or 1.8V+3.3V
 Space-saving 8x8mm QFN56 (0.5mm pitch)
 Easy-to-use evaluation/programming software
Applications
Frequency conversion and frequency synthesis in
a wide variety of equipment types




Similar Part No. - ZL30263

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ZL30263 MICROCHIP-ZL30263 Datasheet
2Mb / 94P
1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
2021
ZL30263LDF1 MICROCHIP-ZL30263LDF1 Datasheet
2Mb / 94P
1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
2021
ZL30263LDG1 MICROCHIP-ZL30263LDG1 Datasheet
2Mb / 94P
1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
2021
More results


Similar Description - ZL30263

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5341 SILABS-SI5341_16 Datasheet
5Mb / 53P
Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
logo
Microchip Technology
ZL30260 MICROCHIP-ZL30260 Datasheet
2Mb / 94P
1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
2021
ZL30264 MICROCHIP-ZL30264 Datasheet
2Mb / 93P
2-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
2021
logo
Microsemi Corporation
ZL30250 MICROSEMI-ZL30250 Datasheet
272Kb / 4P
3-Input, 3-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
August 2014
logo
Skyworks Solutions Inc.
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com