Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40221 Datasheet (PDF) - Microsemi Corporation

ZL40221 Datasheet PDF - Microsemi Corporation
Part # ZL40221
Download  ZL40221 Download
File Size   818.12 Kbytes
Page   24 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Precision 2:6 LVDS Fanout Buffer with Glitchfree Input Reference Switching and On-Chip Input Termination

ZL40221 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL40221 Datasheet PDF - Microsemi Corporation

Part # ZL40221
Download  ZL40221 Click to download

File Size   818.12 Kbytes
Page   24 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Precision 2:6 LVDS Fanout Buffer with Glitchfree Input Reference Switching and On-Chip Input Termination

ZL40221 Datasheet (HTML) - Microsemi Corporation


ZL40221 Product details

Features
Inputs/Outputs
•Accepts two differential or single-ended inputs
• LVPECL, LVDS, CML, HCSL, LVCMOS
• Glitch-free switching of references
•On-chip input termination and biasing for AC coupled inputs
•Six precision LVDS outputs
•Operating frequency up to 750 MHz
Power
•Option for 2.5 V or 3.3 V power supply
•Current consumption of 97 mA
•On-chip Low Drop Out (LDO) Regulator for superior power supply rejection
Performance
•Ultra low additive jitter of 165 fs RMS

Applications
•General purpose clock distribution
•Low jitter clock trees
•Logic translation
•Clock and data signal restoration
•Redundant clock distribution
•Wired communications: OTN, SONET/SDH, GE, 10 GE, FC and 10G FC
•PCI Express generation 1/2/3 clock distribution
•Wireless communications
•High performance microprocessor clock distribution




Similar Part No. - ZL40221

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL40220 MICROSEMI-ZL40220 Datasheet
515Kb / 24P
Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
April 2014
ZL40220LDF1 MICROSEMI-ZL40220LDF1 Datasheet
515Kb / 24P
Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
April 2014
ZL40220LDG1 MICROSEMI-ZL40220LDG1 Datasheet
515Kb / 24P
Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
April 2014
ZL40222 MICROSEMI-ZL40222 Datasheet
518Kb / 24P
Precision 2:8 LVDS Fanout Buffer with Glitch-free Input Reference Switching
April 2014
ZL40222LDF1 MICROSEMI-ZL40222LDF1 Datasheet
518Kb / 24P
Precision 2:8 LVDS Fanout Buffer with Glitch-free Input Reference Switching
April 2014
More results


Similar Description - ZL40221

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58035U MICREL-SY58035U Datasheet
103Kb / 11P
4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58605U MICREL-SY58605U Datasheet
633Kb / 12P
3.2Gbps Precision, LVDS Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U Datasheet
664Kb / 13P
4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58607U MICREL-SY58607U Datasheet
667Kb / 13P
3.2Gbps Precision, 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U Datasheet
282Kb / 12P
3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U_09 Datasheet
581Kb / 13P
4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY89468U MICREL-SY89468U Datasheet
578Kb / 15P
Precision LVDS 1:20 Fanout with 2:1 MUX and Internal Termination with Fail-Safe Input
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U_14 Datasheet
681Kb / 13P
4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
logo
ON Semiconductor
NB6N11S ONSEMI-NB6N11S Datasheet
229Kb / 10P
Input to LVDS Fanout Buffer
November, 2014 ??Rev. 7
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com