Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40220LDF1 Datasheet (PDF) - Microsemi Corporation

ZL40220LDF1 Datasheet PDF - Microsemi Corporation
Part # ZL40220LDF1
Download  ZL40220LDF1 Download
File Size   515.77 Kbytes
Page   24 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching

ZL40220LDF1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL40220LDF1 Datasheet PDF - Microsemi Corporation

Part # ZL40220LDF1
Download  ZL40220LDF1 Click to download

File Size   515.77 Kbytes
Page   24 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching

ZL40220LDF1 Datasheet (HTML) - Microsemi Corporation


ZL40220LDF1 Product details

Features
Inputs/Outputs
•Accepts two differential or single-ended inputs
• LVPECL, LVDS, CML, HCSL, LVCMOS
• Glitch-free switching of references
•Six precision LVDS outputs
•Operating frequency up to 750 MHz
Power
•Option for 2.5 V or 3.3 V power supply
•Current consumption of 95 mA
•On-chip Low Drop Out (LDO) Regulator for superior power supply rejection
Performance
•Ultra low additive jitter of 194 fs RMS
Applications
•General purpose clock distribution
•Low jitter clock trees
•Logic translation
•Clock and data signal restoration
•Redundant clock distribution
•Wired communications: OTN, SONET/SDH, GE, 10 GE, FC and 10G FC
•PCI Express generation 1/2/3 clock distribution
•Wireless communications
•High performance microprocessor clock distribution




Similar Part No. - ZL40220LDF1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ZL40221 MICROSEMI-ZL40221 Datasheet
818Kb / 24P
Precision 2:6 LVDS Fanout Buffer with Glitchfree Input Reference Switching and On-Chip Input Termination
April 2014
ZL40221LDF1 MICROSEMI-ZL40221LDF1 Datasheet
818Kb / 24P
Precision 2:6 LVDS Fanout Buffer with Glitchfree Input Reference Switching and On-Chip Input Termination
April 2014
ZL40221LDG1 MICROSEMI-ZL40221LDG1 Datasheet
818Kb / 24P
Precision 2:6 LVDS Fanout Buffer with Glitchfree Input Reference Switching and On-Chip Input Termination
April 2014
ZL40222 MICROSEMI-ZL40222 Datasheet
518Kb / 24P
Precision 2:8 LVDS Fanout Buffer with Glitch-free Input Reference Switching
April 2014
ZL40222LDF1 MICROSEMI-ZL40222LDF1 Datasheet
518Kb / 24P
Precision 2:8 LVDS Fanout Buffer with Glitch-free Input Reference Switching
April 2014
More results


Similar Description - ZL40220LDF1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89828L MICREL-SY89828L Datasheet
129Kb / 13P
3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY58608U MICREL-SY58608U Datasheet
282Kb / 12P
3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY89826L MICREL-SY89826L Datasheet
122Kb / 10P
3.3V 1GHz PRECISION 1:22 LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89838U MICREL-SY89838U Datasheet
417Kb / 16P
Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
SY89828L MICREL-SY89828L_08 Datasheet
163Kb / 13P
3.3V 1GHz DUAL 1:10 PRECISION LVDS FANOUT BUFFER/TRANSLATOR WITH 2:1 INPUT MUX
SY89838U MICREL-SY89838U_10 Datasheet
349Kb / 16P
Precision 1:8 LVDS Clock Fanout Buffer
SY58608U MICREL-SY58608U_10 Datasheet
677Kb / 12P
3.2Gbps Precision, 1:2 LVDS Fanout Buffer
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
logo
ON Semiconductor
NB6N11S ONSEMI-NB6N11S Datasheet
229Kb / 10P
Input to LVDS Fanout Buffer
November, 2014 ??Rev. 7
logo
Microsemi Corporation
ZL40221 MICROSEMI-ZL40221 Datasheet
818Kb / 24P
Precision 2:6 LVDS Fanout Buffer with Glitchfree Input Reference Switching and On-Chip Input Termination
April 2014
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com