Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40220LDF1 Datasheet(PDF) 10 Page - Microsemi Corporation

Part # ZL40220LDF1
Description  Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL40220LDF1 Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button ZL40220LDF1 Datasheet HTML 6Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 7Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 8Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 9Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 10Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 11Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 12Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 13Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
VDD
2 K
Ohm 
VDD_driver
VDD
ZL40220
clk_p
clk_n
Zo = 50 Ohms
Zo = 50 Ohms
2 K
Ohm
2 K
Ohm 
2 K
Ohm
100 Ohm 
LVDS
Driver
100 nF
100 nF
Figure 8 - LVDS Input AC Coupled
VDD
2 K
Ohm 
VDD_driver
VDD
ZL40220
clk_p
clk_n
Zo = 50 Ohms
Zo = 50 Ohms
2 K
Ohm
2 K
Ohm 
2 K
Ohm
CML
Driver
100 nF
100 nF
VDD_driver
50
Ohm 
50
Ohm 
Figure 9 - CML Input AC Coupled
ZL40220
Data Sheet
10
Microsemi Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com