Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40220LDF1 Datasheet(PDF) 17 Page - Microsemi Corporation

Part # ZL40220LDF1
Description  Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL40220LDF1 Datasheet(HTML) 17 Page - Microsemi Corporation

Back Button ZL40220LDF1 Datasheet HTML 13Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 14Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 15Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 16Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 17Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 18Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 19Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 20Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 21Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ZL40220
Data Sheet
17
Microsemi Corporation
3.5
Power Supply
This device operates with either a 2.5V supply or 3.3V supply.
3.5.1
Sensitivity to power supply noise
Power supply noise from sources such as switching power supplies and high-power digital components such as
FPGAs can induce additive jitter on clock buffer outputs. The ZL40220 is equipped with a low drop out (LDO) linear
power regulator and on-chip bulk capacitors to minimize additive jitter due to power supply noise. The on-chip
regulation, recommended power supply filtering, and good PCB layout all work together to minimize the additive
jitter from power supply noise.
3.5.2
Power supply filtering
For optimal jitter performance, the ZL40220 should be isolated from the power planes connected to its power
supply pins as shown in Figure 19.
•
10 µF capacitors should be size 0603 or size 0805 X5R or X7R ceramic, 6.3 V minimum rating
•
0.1 µF capacitors should be size 0402 X5R ceramic, 6.3 V minimum rating
•
Capacitors should be placed next to the connected device power pins
VDD
0.15 Ohms
10 µF
0.1 µF
0.1 µF
0.1 µF
ZL40220
11
16
18
23
0.1 µF
10 µF
25
30
Figure 19 - Decoupling Connections for Power Pins
3.5.3
PCB layout considerations
The power supply filtering shown in Figure 19 can be implemented either as a plane island, or as a routed power
topology with similar performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com