Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL40220LDF1 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # ZL40220LDF1
Description  Precision 2:6 LVDS Fanout Buffer with Glitch-free Input Reference Switching
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ZL40220LDF1 Datasheet(HTML) 4 Page - Microsemi Corporation

  ZL40220LDF1 Datasheet HTML 1Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 2Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 3Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 4Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 5Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 6Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 7Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 8Page - Microsemi Corporation ZL40220LDF1 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ZL40220
Data Sheet
4
Microsemi Corporation
Change Summary
Page
Item
Change
1
Applications
Added PCI Express clock distribution.
6
Pin Description
Added exposed pad to Pin Description.
Removed 22 Ohm series resistors from Figure 4 and 5. These
resistors are not required; however there is no impact to
performance if the resistors are included.
19
Figure 20
Clarification of VID and VOD.
Below are the changes from the February 2013 issue to the April 2014 issue:
Page
Item
Change
8
Figure 5
Changed text to indicate the circuit is not recommended for
VDD_driver=2.5V.
9
Figure 6
Changed pull-up and pull-down resistors from 2kOhm to
100 Ohm.
13
Figure 13
Changed gate values to +/+ on the left and -/- on the right.
Below are the changes from the November 2012 issue to the February 2013 issue:
Figure
4 and Figure 5
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com